Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8432 Datasheet HTML 18Page - Analog Devices AD8432 Datasheet HTML 19Page - Analog Devices AD8432 Datasheet HTML 20Page - Analog Devices AD8432 Datasheet HTML 21Page - Analog Devices AD8432 Datasheet HTML 22Page - Analog Devices AD8432 Datasheet HTML 23Page - Analog Devices AD8432 Datasheet HTML 24Page - Analog Devices AD8432 Datasheet HTML 25Page - Analog Devices AD8432 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
AD8432
Rev. 0 | Page 22 of 28
Table 7. External Components Selections for Common Input Impedance
RIN (Ω)
Gain (dB)
RFB (Ω)
CSH (pF)
RSH (Ω)
−3 dB BW (MHz)
50
12
150
47
15
176
18
249
30
15
116
21
357
None
None
117
24
453
None
None
87
75
12
226
36
15
167
18
383
None
None
144
21
536
None
None
100
24
681
None
None
72
100
12
301
30
15
164
18
511
None
None
134
21
715
None
None
90
24
909
None
None
63
200
12
619
18
15
164
18
1.02 k
None
None
116
21
1.43 k
None
None
74
24
1.87 k
None
None
51
1 k
12
3.57 k
10
10
160
18
5.9 k
None
None
99
21
8.25 k
None
None
61
24
10.7 k
None
None
43
Unterminated, RS = 50 Ω
12
∞
None
None
178
18
∞
None
None
95
21
∞
None
None
59
24
∞
None
None
40
Unterminated, RS = 0 Ω
12
∞
None
None
210
18
∞
None
None
96
21
∞
None
None
55
24
∞
None
None
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com