Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8432 Datasheet HTML 5Page - Analog Devices AD8432 Datasheet HTML 6Page - Analog Devices AD8432 Datasheet HTML 7Page - Analog Devices AD8432 Datasheet HTML 8Page - Analog Devices AD8432 Datasheet HTML 9Page - Analog Devices AD8432 Datasheet HTML 10Page - Analog Devices AD8432 Datasheet HTML 11Page - Analog Devices AD8432 Datasheet HTML 12Page - Analog Devices AD8432 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
AD8432
Rev. 0 | Page 9 of 28
0.1
1
10
100
FREQUENCY (MHz)
0.1
1
10
100
Figure 15. Output Impedance vs. Frequency in Disable Mode
0.1
1
10
1
10
100
1000
f = 1MHz
SOURCE RESISTANCE (
Ω)
RS THERMAL
NOISE ALONE
Figure 16. Input-Referred Voltage Noise vs. Source Resistance (RS)
1
10
100
1
10
100
1000
f = 1MHz
SOURCE RESISTANCE (
Ω)
G = 12.04dB
G = 18.06dB
G = 21.58dB
G = 24.08dB
Figure 17. Output-Referred Voltage Noise vs. Source Resistance (RS)
0.70
0.75
0.80
0.85
0.90
0.95
1.00
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
Figure 18. Input Voltage Noise vs. Temperature
2
4
6
8
10
12
14
16
–50
–30
–10
10
30
50
70
90
TEMPERATURE (°C)
G = 12.04dB
G = 18.06dB
G = 21.58dB
G = 24.08dB
Figure 19. Output Voltage Noise vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.01
0.1
1
10
100
FREQUENCY (MHz)
G = 24.08dB
G = 21.58dB
G = 18.06dB
G = 12.04dB
Figure 20. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com