Electronic Components Datasheet Search
  English  ▼

X  

AD8432 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8432
Description  Dual-Channel Ultralow Noise Amplifier with Selectable Gain and Input Impedance
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8432 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8432 Datasheet HTML 7Page - Analog Devices AD8432 Datasheet HTML 8Page - Analog Devices AD8432 Datasheet HTML 9Page - Analog Devices AD8432 Datasheet HTML 10Page - Analog Devices AD8432 Datasheet HTML 11Page - Analog Devices AD8432 Datasheet HTML 12Page - Analog Devices AD8432 Datasheet HTML 13Page - Analog Devices AD8432 Datasheet HTML 14Page - Analog Devices AD8432 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD8432
Rev. 0 | Page 11 of 28
–120
–110
–100
–90
–80
–70
–60
–50
–40
0
5
10
15
20
25
30
35
CL (pF)
HD2, 10MHz, 2V p-p
HD2, 10MHz, 1V p-p
HD3, 10MHz, 2V p-p
HD3, 10MHz, 1V p-p
HD2, 1MHz, 1V p-p
HD2, 1MHz, 2V p-p
HD3, 1MHz, 2V p-p
HD3, 1MHz, 1V p-p
Figure 27. Harmonic Distortion vs. Capacitive Load (CL), G = 24.08 dB
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
200
400
600
800
1000 1200 1400 1600 1800 2000
RL (Ω)
HD2, 10MHz, 2V p-p
HD2, 10MHz, 1V p-p
HD3, 10MHz, 2V p-p
HD3, 10MHz, 1V p-p
HD2, 1MHz, 1V p-p
HD2, 1MHz, 2V p-p
HD3, 1MHz, 2V p-p
HD3, 1MHz, 1V p-p
Figure 28. Harmonic Distortion vs. Resistive Load (RL), G = 12.04 dB
–95
–90
–85
–80
–75
–70
–65
–60
–55
–50
0
200
400
600
800
1000 1200 1400 1600 1800 2000
RL (Ω)
HD2, 10MHz, 2V p-p
HD2, 10MHz, 1V p-p
HD3, 10MHz, 2V p-p
HD3, 10MHz, 1V p-p
HD2, 1MHz, 1V p-p
HD2, 1MHz, 2V p-p
HD3, 1MHz, 2V p-p
HD3, 1MHz, 1V p-p
Figure 29. Harmonic Distortion vs. Resistive Load (RL), G = 24.08 dB
–110
–100
–90
–80
–70
–60
–50
2
4
6
8
10
12
14
16
18
GAIN (V/V)
HD2, 10MHz, 2V p-p
HD2, 1MHz, 1V p-p
HD3, 10MHz, 1V p-p
HD3, 1MHz, 2V p-p
HD3, 1MHz, 1V p-p
HD2, 10MHz, 1V p-p
HD3, 10MHz, 2V p-p
HD2, 1MHz, 2V p-p
Figure 30. Harmonic Distortion vs. Gain
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
0.1
1
10
100
FREQUENCY (MHz)
Figure 31. Channel Crosstalk vs. Frequency
100ns/DIV
Figure 32. Overdrive Recovery, G = 12.04 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com