Electronic Components Datasheet Search
  English  ▼

X  

SC72131 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC72131
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC72131 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 1 of 11
PLL FOR DIGITAL TUNING SYSTEM(DTS)
SDIP-22-300-1.778
SOP-20-300-1.27
DESCRIPTION
The SC72131 is phase-locked loop (PLL) LSI for digital turning
systems (DTS).
The LSI
is use to configure high-performance digital
tuning
systems,such as radio/cassette players. They allow high-performance
AM/FM tuners to be implemented easily.
FEATURES
* Built-in prescalers. Operate at input frequency ranging from
10~160MHz during FMIN input and at 0.5~40MHz during AMIN
input.
* 12 possible reference frequencies (with 4.5 or 7.2 MHz crystal) 1, 3,
5, 9, 10, 3.125, 6.25, 12.5, 15, 25, 50 and 100 kHz
* Built-in 20bit general-purpose counter for such as measuring
intermediate frequency (IF), IF input frequency ranging from
0.4M~12MHz.
* Has an unlock detector circuit
an dead zone control circuit and an
deadlock clear circuit
* Built-in MOS transistor for forming an active low-pass filter
* 4 N-channel open-drain output ports (OFF withstanding Voltage:
13V) and 2 input or output ports.
* Serial data I/O
— All functions controlled through 4 serial bus lines
* Operating ranges
— Supply voltage.....................… 5.0±0.5 V
— Operating temperature........–40 to +85° C
* Packages
— SDIP-22-300-1.78
— SOP-20-300-1.27
ORDERING INFORMATION
Part No.
Package
SC72131
SDIP-22-300-1.778
SC72131S
SOP-20-300-1.27
APPLICATIONS
* Digital Tuning Systems


Similar Part No. - SC72131

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Infinite Electronics In...
SC7216 FAIRVIEW-SC7216 Datasheet
567Kb / 4P
SMA Male Connector Clamp/Solder Attachment For Harbour LL335 Cable
REV 1.1A
logo
Polyfet RF Devices
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC72131

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
PLL FOR DTS
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
HIGH SPEED PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
PLL FOR DTS
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
PLL FOR DIGITAL TUNING SYSTEM
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
Prescaler for Digital Tuning System
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
PLL FOR DTS
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
PLL For DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
High Speed PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
PLL for DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com