Electronic Components Datasheet Search
  English  ▼

X  

SC72131 Datasheet(PDF) 5 Page - Silan Microelectronics Joint-stock

Part # SC72131
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131 Datasheet(HTML) 5 Page - Silan Microelectronics Joint-stock

  SC72131 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 5 of 11
(Continued)
Pin NO.
SDIP-22
SOP-20
Pin Name
Description
14
NC
--
15
13
AMIN
16
14
FMIN
• These pins input AM and FM band local oscillator signals by
capacitor coupling.
•These pins feature built-in amps.
17
15
VDD
•power supply pin (Applies 5.0V±10%)
18
16
DO
•This pin is for phase comparator tristate output.
19
17
LFIN
20
18
LFOUT
•These pins for low-pass filter input pin and output pin.
21
19
GND
•The SC72131 ground.
FUNCTION DESCRIPTION
Serial Data I/O Methods
The SC72131 inputs and outputs data using the 4 serial bus lines, the serial data I/O methods are selected by
an 8bit address
Register assignments
Address = 82H(IN)
Address = 92H(IN)
IO
C1
IO
C2
1
IO
2
IO
OT1
OT2
OT3
OT4
*
DO
C0
DO
C1
DO
C2
UL
0
UL
1
DZ
0
DZ
1
G0 G1 TO
D
O
C
IF
S
T0
T1
T2
Address = A2H (OUT)
I1
I2
*
UL
IF1
9
IF1
8
IF1
7
IF1
6
IF1
5
IF1
4
IF1
3
IF1
2
IF1
1
IF1
0
IF9 IF8 IF7 IF6 IF5 IF4 IF3 IF2 IF1 IF0
Programmable divider structure
Swallow counter and programmable counter circuit configuration



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com