Electronic Components Datasheet Search
  English  ▼

X  

SC72131 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SC72131
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SC72131 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 2 of 11
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C, VSS=0V)
Characteristics
Symbol
Ratings
Unit
Supply Voltage
VDDmax
-0.3 to 7.0
V
Allowable Power Dissipation
Pdmax
350
mW
N-ch Open-Drain OFF Withstanding Voltage
VOFF
13
V
Operating Temperature
Topr
-40 to +85
°C
ELECTRICAL CHARACTERISTICS (Tamb=-40 to 85°C, VSS=0V)
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Rf1
1.0
M
Ω
Rf2
500
k
Ω
Rf3
500
k
Ω
Built-in Feedback Resistance
Rf4
250
k
Ω
Rpd1
200
k
Ω
Built-in Pull-down Resistor
Rpd2
200
k
Ω
Hysteresis
VHIS
0.1VDD
V
Output High Level Voltage
VOH1
IO=-1mA
VDD-1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com