Electronic Components Datasheet Search
  English  ▼

X  

SC72131 Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC72131
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131 Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC72131 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 4 of 11
PIN CONFIGURATION (SDIP22, SOP20)
PIN DESCRIPTION
Pin NO.
SDIP-22
SOP-20
Pin Name
Description
1
1
OSCIN
22
20
OSCOUT
Connects 4.5M or 7.2M crystal oscillator to supply reference
frequency and internal clock.
2
NC
--
3
2
PERIOD
4
3
DIN
5
4
CLOCK
6
5
DOUT
Serial I/O ports, These pins transfer data to and from the controller
to set divisors and dividing modes, and to control the general-
purpose counter and general-purpose I/O ports.
7
6
OT1
8
7
OT2
9
8
OT3
10
9
OT4
•N channel open drain port pins.
•The output states are determined by OT1 to OT4 bits in the serial
data.
•If the serial data TBC bit is set to 1, a time base signal (8Hz) can
be output from the OT1 pin.
•These pins are set to the OFF state when power is turn on.
11
10
1
IO
13
12
2
IO
•CMOS structure allows free use of these ports for input or output.
•Ports are set for input when the power is turned on.
12
11
IFIN
•Input pin for measure general-purpose counter frequencies. The
frequency measurement function has such uses as measuring
intermediate frequencies (IF)
•These pin feature built-in amps, Data are input by capacitor
coupling.
(To be continued)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com