Electronic Components Datasheet Search
  English  ▼

X  

SC72131 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC72131
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC72131 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC72131 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 6 of 11
FM
MODE
Input pin
Set divisor
Actual divisor: N
Input frequency range (MHz)
1
*
FMIN
272 to 65535
Twice the set value
10 to 160
0
1
AMIN
272 to 65535
The set value
2 to 40
0
0
AMIN
4 to 4095
The set value
0.5 to 10
Note: * Don’
t care.
1.IF Counter Structure
The SC72131 IF counter section consists of input amp, a gate time control circuit and a 20bit binary counter.
The result, i.e., the counter’
s msb, can be read serially from the Dout pin.
G1
G0
Gate time (GT) (ms)
Wait time (ms)
0
0
4
3 ~ 4
0
1
8
3 ~ 4
1
0
32
7 ~ 8
1
1
64
7 ~ 8
2. IF Counter Operation
Note: 1. IFIN input have built-in amp. Data are input by capacitor coupling.
2. Before starting the IF count, the IF counter must be reset in advance by setting CTE in the serial data to 0.
3. The IF count is started by changing the CTE bit in the serial data from 0 to 1. The serial data is latched
by the SC72131 when the CE pin is dropped from high to low.
4.The IF signal must be supplied to the IFIN pin in the period between the point the CE pin goes low and
the end of the wait time at the latest.
5. The value of the IF counter at the end of the Gate-Time must be read out during the period that CTE is
1. This is because the IF counter is reset when CTE is set to 0.
6. When operating the IF counter, the control microprocessor must first check the state of the IF-IC SD
(station detect) signal and only after determining that the SD signal is present turn on IF buffer output



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com