Electronic Components Datasheet Search
  English  ▼

X  

LTC3546 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3546
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3546 Datasheet HTML 10Page - Linear Technology LTC3546 Datasheet HTML 11Page - Linear Technology LTC3546 Datasheet HTML 12Page - Linear Technology LTC3546 Datasheet HTML 13Page - Linear Technology LTC3546 Datasheet HTML 14Page - Linear Technology LTC3546 Datasheet HTML 15Page - Linear Technology LTC3546 Datasheet HTML 16Page - Linear Technology LTC3546 Datasheet HTML 17Page - Linear Technology LTC3546 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTC3546
14
3546fb
APPLICATIONS INFORMATION
A general LTC3546 application circuit is shown in Figure 7.
External component selection is driven by the load require-
ment, and begins with the selection of the inductors L1,
and L2. Once L1 and L2 are chosen, CIN, COUT1, and COUT2
can be selected.
Operating Frequency
Selection of the operating frequency is a trade-off between
efficiency and component size. High frequency operation
allows the use of smaller inductor and capacitor values.
Operation at lower frequencies improves efficiency by
reducing internal gate charge losses but requires larger
inductance values and/or capacitance to maintain low
output ripple voltage.
The operating frequency, fO, of the LTC3546 is determined
by pulling the FREQ pin to VIN, for 2.25MHz operation, by
connecting an external resistor from FREQ to ground, or
by driving an external clock signal into SYNC/MODE.
When using an external resistor to set the oscillator fre-
quency use the following equation:
R
T =
2.51•10
11
f
O
Ω
() –20kΩ
for 0.75MHz ≤ fO ≤ 4MHz. Or use Figure 1 to select the
value for RT.
The maximum operating frequency is also constrained
by the minimum on-time (typically 70ns) and duty cycle,
especially when forced continuous mode is selected.
Assuming a worst-case minimum on-time of 150ns, this
can be calculated as:
fO(MAX) 6.67
VOUT
VIN(MAX)
MHz
()
The minimum frequency is limited by leakage and noise
coupling due to the large resistance of RT.
Inductor Selection
Although the inductor does not influence the operat-
ing frequency, the inductor value has a direct effect on
ripple current. The inductor ripple current ΔIL decreases
with higher inductance and increases with higher VIN or
VOUT.
IL =
VOUT
fO •L
1
VOUT
VIN
Accepting larger values of ΔIL allows the use of low induc-
tances, but results in higher output voltage ripple, greater
core losses, and lower output current capability.
A reasonable starting point for setting ripple current is ΔIL
= 0.35ILOAD(MAX),whereILOAD(MAX)isthemaximumoutput
current. The largest ripple ΔIL occurs at the maximum
input voltage. To guarantee that the ripple current stays
below a specified maximum, the inductor value should be
chosen according to the following equation:
L
VOUT
fO • IL
1
VOUT
VIN(MAX)
Figure 1. Frequency vs RT
FREQUENCY (MHz)
0
500
50
450
350
250
150
400
300
200
100
0
2.5
1.5
3.5
3546 F01
4.5
2.0
4.0
1.0
3.0
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com