Electronic Components Datasheet Search
  English  ▼

X  

LTC3546 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3546
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 Datasheet(HTML) 2 Page - Linear Technology

  LTC3546 Datasheet HTML 1Page - Linear Technology LTC3546 Datasheet HTML 2Page - Linear Technology LTC3546 Datasheet HTML 3Page - Linear Technology LTC3546 Datasheet HTML 4Page - Linear Technology LTC3546 Datasheet HTML 5Page - Linear Technology LTC3546 Datasheet HTML 6Page - Linear Technology LTC3546 Datasheet HTML 7Page - Linear Technology LTC3546 Datasheet HTML 8Page - Linear Technology LTC3546 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC3546
2
3546fb
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN1D, VIN2, VCCA, VCCD Voltages......... –0.3V to 6V
SYNC/MODE, SW1, SW1D, SW2A, SW2B,
RUN1, RUN2, VFB1, VFB2, PHASE, FREQ,
ITH1, ITH2, TRACK/SS1, TRACK/SS2, BMC1,
BMC2 Voltages ................ –0.3V to (VIN1 or VIN2) + 0.3V
(Note 1)
9
10
TOP VIEW
UFD PACKAGE
28-LEAD (4mm
5mm) PLASTIC QFN
11 12 13
28 27 26 25 24
14
23
6
5
4
3
2
1
BMC2
TRACK/SS2
VFB2
ITH2
VCCD
RUN2
VIN2
VIN1
BMC1
TRACK/SS1
VFB1
ITH1
PHASE
RUN1
PGND2
PGND1
7
17
18
19
20
29
21
22
16
8
15
TJMAX = 125°C, θJA = 34°C/W
EXPOSED PAD (PIN 29) IS GNDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCCA
SYNC/MODE
PGOOD2
BMC2
TRACK/SS2
VFB2
ITH2
VCCD
RUN2
VIN2
VIN1
VIN1D
SW2A
SW2B
GNDA
FREQ
PGOOD1
BMC1
TRACK/SS1
VFB1
ITH1
PHASE
RUN1
PGND2
PGND1
PGND1D
SW1
SW1D
29
TJMAX = 125°C, θJA = 25°C/W
EXPOSED PAD (PIN 29) IS GNDD MUST BE SOLDERED TO PCB
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3546EUFD#PBF
LTC3546EUFD#TRPBF
3546
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3546IUFD#PBF
LTC3546IUFD#TRPBF
3546
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3546EFE#PBF
LTC3546EFE#TRPBF
LTC3546FE
28-Lead Plastic TSSOP
–40°C to 85°C
LTC3546IFE#PBF
LTC3546IFE#TRPBF
LTC3546FE
28-Lead Plastic TSSOP
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3546EUFD
LTC3546EUFD#TR
3546
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 85°C
LTC3546IUFD
LTC3546IUFD#TR
3546
28-Lead (4mm × 5mm) Plastic QFN
–40°C to 125°C
LTC3546EFE
LTC3546EFE#TR
LTC3546FE
28-Lead Plastic TSSOP
–40°C to 85°C
LTC3546IFE
LTC3546IFE#TR
LTC3546FE
28-Lead Plastic TSSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Maximum Difference Between Any of
VIN1, VIN1D, VIN2, VCCA, VCCD ..................................0.3V
PGOOD1, PGOOD2 Voltage.......................... –0.3V to 6V
Operating Junction Temperature Range
(Notes 2, 6, 7)........................................ –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com