Electronic Components Datasheet Search
  English  ▼

X  

LTC3546 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3546
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 Datasheet(HTML) 4 Page - Linear Technology

  LTC3546 Datasheet HTML 1Page - Linear Technology LTC3546 Datasheet HTML 2Page - Linear Technology LTC3546 Datasheet HTML 3Page - Linear Technology LTC3546 Datasheet HTML 4Page - Linear Technology LTC3546 Datasheet HTML 5Page - Linear Technology LTC3546 Datasheet HTML 6Page - Linear Technology LTC3546 Datasheet HTML 7Page - Linear Technology LTC3546 Datasheet HTML 8Page - Linear Technology LTC3546 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC3546
4
3546fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VCCA = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISW1D(LKG)
Switch Leakage Current SW1D
VIN = 6V
VITH1 = VITH2 = 0V
VRUN1 = VRUN2 = 0V
0.01
1
μA
ISW2A/B(LKG)
Switch Leakage Current SW2A/B
VIN = 6V
VITH2 = 0V
VRUN2 = 0V
0.01
1
μA
VUVLO
Undervoltage Lockout Threshold
VIN1, VIN2, VCCA, VCCD Rising
VIN1, VIN2, VCCA, VCCD Falling
2.03
1.86
2.14
1.97
2.2
2.03
V
V
TPGOOD1
Threshold for Power Good
Percentage Deviation from Regulated VFB1
(Typically 0.6V).
VFB1 Ramping Up, VSYNC/MODE = 0V
–8
%
TPGOOD2
Threshold for Power Good
Percentage Deviation from Regulated VFB2
(Typically 0.6V).
VFB2 Ramping Up, VSYNC/MODE = 0V
–8
%
RPGOOD1
Power Good Pull-Down On-Resistance
132
300
Ω
RPGOOD2
Power Good Pull-Down On-Resistance
132
300
Ω
tSS
Soft-Start Internal Time.
VFB from 0% to 95%, VTRACK/SS Is Floating
0.8
1.2
1.9
ms
VRUN1, VRUN2,
VPHASE
RUN1, RUN2, and PHASE Threshold
0.3
0.8
1.2
V
IRUN1, IRUN2,
IPHASE
RUN1, RUN2, and PHASE Leakage Current VIN = 6V, VPHASE = 3V, VRUN1 = VRUN2 = 3V
±0.01
±1
μA
VTLSYNC/MODE SYNC/MODE Threshold Voltage Low to Put
the Part into Pulse-Skipping Mode
0.5
V
VTHSYNC/MODE SYNC/MODE Threshold Voltage High to
Put the Part into Burst Mode Operation
VIN – 0.5
V
VSYNC/MODE
SYNC/MODE Threshold for Clock
Synchronization
0.3
0.8
1.2
V
ISYNC/MODE
SYNC/MODE Leakage Current
VIN = 6V, VSYNC/MODE = 3V
±0.01
±1
μA
VTHFREQ
FREQ Threshold Voltage High
VIN – 0.85
V
IBMC1, IBMC2
BMC1, BMC2 Leakage Current
VIN = 6V, VBMC = 3V
±0.4
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3546E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3546I is guaranteed
to meet performance specifications over the full –40°C to 125°C operating
junction temperature range
Note 3: The LTC3546 is tested in feedback loop which servos VFB1 to the
midpoint for the error amplifier (VITH1 = 0.6V) and VFB2 to the midpoint for
the error amplifier (VITH2 = 0.6V).
Note 4: Total supply current is higher due to the internal gate charge being
delivered at the switching frequency.
Note 5: Variable frequency operation with resistor is guaranteed by design
and is subject to duty cycle limitations.
Note 6: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 7: TJ is calculated from the ambient temperature, TA, and power
dissipation, PD, according to the following formula:
TJ = TA + (PD • 34°C/W)
Note 8: Minimum current limit is guaranteed by design and correlation to
the RDS(ON)1D, ILIM1 and ILIM2 measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com