Electronic Components Datasheet Search
  English  ▼

X  

LTC3546 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3546
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546 Datasheet(HTML) 3 Page - Linear Technology

  LTC3546 Datasheet HTML 1Page - Linear Technology LTC3546 Datasheet HTML 2Page - Linear Technology LTC3546 Datasheet HTML 3Page - Linear Technology LTC3546 Datasheet HTML 4Page - Linear Technology LTC3546 Datasheet HTML 5Page - Linear Technology LTC3546 Datasheet HTML 6Page - Linear Technology LTC3546 Datasheet HTML 7Page - Linear Technology LTC3546 Datasheet HTML 8Page - Linear Technology LTC3546 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LTC3546
3
3546fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN = VCCA = 3.6V, unless otherwise specified. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1, VIN1D,
VIN2, VCCA,
VCCD
Operating Voltage Range
VIN1 = VIN1D = VIN2 = VCCA = VCCD
2.25
5.5
V
IFB1, IFB2
Feedback Pin Input Current
(Note 3)
±0.1
μA
VFB1, VFB2
Feedback Voltage
(Note 3)
l
0.588
0.6
0.612
V
ΔVLINEREG
Reference Voltage Line Regulation
%/V is The Percentage Change in VOUT
with a Change in VIN
VIN = 2.25V to 5.5V (Note 3)
0.04
0.2
%/V
ΔVLOADREG
Output Voltage Load Regulation
ITH1, ITH2 = 0.36V (Note 3)
ITH1, ITH2 = 0.84V (Note 3)
l
l
0.02
–0.02
0.2
–0.2
%
%
gm(EA)
Error Amplifier Transconductance
(Note 3)
1400
μS
VTRACK/SS1,
VTRACK/SS2
Tracking Voltage Offset
VTRACK/SS1,2 = 0.3V
15
mV
ITRACK/SS1,
ITRACK/SS2
Tracking Current Source
VTRACK/SS1,2 = 0V
0.8
1.15
1.5
μA
IS
Input DC Supply Current (Note 4)
Active Mode
VFB1 = VFB2 = 0.55V, VMODE = VIN,
VRUN1 = VRUN2 = VIN
600
990
μA
Half Active Mode (VRUN1 = VIN, VRUN2 = 0) VFB1 = 0.55V, VMODE = VIN, VRUN1 = VIN,
VRUN2 = 0V
400
800
μA
Half Active Mode (VRUN1 = 0, VRUN2 = VIN)VFB2 = 0.55V, VMODE = VIN, VRUN1 = 0V,
VRUN2 = VIN
400
800
μA
Both Channels in Sleep Mode
VFB1 = VFB2 = 0.75V, VMODE = VIN,
VRUN1 = VRUN2 = VIN
160
300
μA
Shutdown
VRUN1 = VRUN2 = 0V
0.2
1
μA
fOSC
Oscillator Frequency
VFREQ: RT = VIN
VFREQ: RT = 143k
VFREQ: Resistor (Note 5)
l
1.8
1.2
0.75
2.25
1.5
2.9
1.8
4
MHz
MHz
MHz
ILIM1
Peak Switch Current Limit on SW1 (1A)
BMC1 = VIN, VITH1 = 1.4V
BMC1 = 0.4V, VITH1 = 0V
1.4
1.6
0.45
A
A
ILIM2
Peak Switch Current Limit on SW2A/B (2A) BMC2 = VIN, VITH1 = 1.4V
BMC2 = 0.4V, VITH1 = 0V
2.8
3.2
0.9
A
A
ILIM1+1D
Peak Switch Current Limit on
SW1 + SW1D (2A)
SW1 Externally Connected to SW1D
BMC1 = VIN (Note 8)
BMC1 = 0.4V (Note 8)
2.5
3.2
1.6
A
A
ILIM2+1D
Peak Switch Current Limit on
SW2A/B + SW1D (3A)
SW2A/B Externally Connected to SW1D
BMC2 = VIN (Note 8)
BMC2 = 0.4V (Note 8)
3.75
4.8
2.4
A
A
RDS(ON)1
SW1 Top Switch On-Resistance (1A)
SW1 Bottom Switch On-Resistance
VIN2 = 3.6V
VIN2 = 3.6V
0.19
0.18
Ω
Ω
RDS(ON)1D
SW1D Top Switch On-Resistance (1A)
SW1D Bottom Switch On-Resistance
VIN2 = 3.6V
VIN2 = 3.6V
0.19
0.17
Ω
Ω
RDS(ON)2
SW2A/B Top Switch On-Resistance (2A)
SW2A/B Bottom Switch On-Resistance
VIN1 = 3.6V
VIN1 = 3.6V
0.096
0.085
Ω
Ω
ISW1(LKG)
Switch Leakage Current SW1
VIN = 6V
VITH1 = 0V
VRUN1 = 0V
0.01
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com