Electronic Components Datasheet Search
  English  ▼

X  

OPA362 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 4 Page - Texas Instruments

  OPA362 Datasheet HTML 1Page - Texas Instruments OPA362 Datasheet HTML 2Page - Texas Instruments OPA362 Datasheet HTML 3Page - Texas Instruments OPA362 Datasheet HTML 4Page - Texas Instruments OPA362 Datasheet HTML 5Page - Texas Instruments OPA362 Datasheet HTML 6Page - Texas Instruments OPA362 Datasheet HTML 7Page - Texas Instruments OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
OPA362
SBOS480 – SEPTEMBER 2009 ........................................................................................................................................................................................ www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.5V to +3.3V (continued)
Boldface limits apply over the temperature range, TA = –40°C to +125°C.
At TA = +25°C and RL = 150Ω connected to ground, unless otherwise noted.
OPA362
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE/SHUTDOWN FUNCTION
Disabled (logic-LOW threshold)
0
0.5
V
Enabled (logic-HIGH threshold)
1.3
VS
V
Enable Time
1.5
μs
Disable Time
50
ns
Shutdown Current
VS = +2.8V, Disabled
1.5
μA
TEMPERATURE RANGE
Specified/Operating Range
–40
+125
°C
Thermal Resistance
θ JA
SC70
250
°C/W
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com