Electronic Components Datasheet Search
  English  ▼

X  

OPA362 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 2 Page - Texas Instruments

  OPA362 Datasheet HTML 1Page - Texas Instruments OPA362 Datasheet HTML 2Page - Texas Instruments OPA362 Datasheet HTML 3Page - Texas Instruments OPA362 Datasheet HTML 4Page - Texas Instruments OPA362 Datasheet HTML 5Page - Texas Instruments OPA362 Datasheet HTML 6Page - Texas Instruments OPA362 Datasheet HTML 7Page - Texas Instruments OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
1
2
3
6
5
4
V+
Enable
Out
+In
GND
R
SET
OPA362
SBOS480 – SEPTEMBER 2009 ........................................................................................................................................................................................ www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
VALUE
UNIT
Supply Voltage, V+ to V–
+3.6
V
Voltage(2)
– 0.5 to (V+) + 0.5
V
Signal Input
Terminals
Current(2)
±10
mA
Output Short-Circuit through 75
Ω to GND(3)
Continuous
Operating Temperature
–40 to +125
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
+160
°C
Human Body Model (HBM)
5000
V
ESD Ratings
Charged Device Model (CDM)
2000
V
Machine Model (MM)
400
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.5V beyond the supply rails should
be current-limited to 10mA or less.
(3)
Short-circuit to ground.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA362
SC70-6
DCK
OEA
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
DCK PACKAGE
SC70-6
(TOP VIEW)
Note:
The location of pin 1 on the OPA362 is determined by orienting the package marking as shown in the illustration.
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com