Electronic Components Datasheet Search
  English  ▼

X  

OPA362 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 1 Page - Texas Instruments

  OPA362 Datasheet HTML 1Page - Texas Instruments OPA362 Datasheet HTML 2Page - Texas Instruments OPA362 Datasheet HTML 3Page - Texas Instruments OPA362 Datasheet HTML 4Page - Texas Instruments OPA362 Datasheet HTML 5Page - Texas Instruments OPA362 Datasheet HTML 6Page - Texas Instruments OPA362 Datasheet HTML 7Page - Texas Instruments OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
NOTE(1):
Shutdown
Control
3750W
(Seenote1)
G=5.2V/V
+In
Enable
GND
Out
V+
OPA362
872W
10mV
R
SET
Two-Pole
Filter
OPA362
www.ti.com ........................................................................................................................................................................................ SBOS480 – SEPTEMBER 2009
3V VIDEO AMPLIFIER
with Internal Gain and Filter in SC70
Check for Samples: OPA362
1
FEATURES
DESCRIPTION
23
•
EXCELLENT VIDEO PERFORMANCE
•
INTERNAL GAIN: 5.2V/V
The OPA362 high-speed amplifier is optimized for 3V
portable video applications. It is specifically designed
•
SUPPORTS TV-DETECTION
to be compatible with the video encoders embedded
•
COMPATIBLE WITH OMAP343x and DaVINCI™
in
Texas
Instruments’
OMAP3430
and
DaVinci
PROCESSORS
processors or other application processors with
•
TWO-POLE RECONSTRUCTION FILTER
0.5VPP video output. The input common-mode range
includes
GND,
which
allows
a
video-DAC
•
INPUT RANGE INCLUDES GROUND
(digital-to-analog converter) to be dc-coupled to the
–
DC-Coupled Input
OPA362. The TV-detection feature simplifies the
•
INTEGRATED LEVEL SHIFTER
end-user interface significantly by facilitating the
automatic start/stop of video transmission.
–
DC-Coupled Output(1)
–
No Output Capacitors Needed
The output swings within 5mV of GND and 250mV to
V+ with a standard back-terminated video load
•
RAIL-TO-RAIL OUTPUT
(150
Ω). An internal level shift circuit prevents the
•
LOW QUIESCENT CURRENT: 4.3mA
output from saturating with 0V input, thus preventing
•
SHUTDOWN CURRENT: 1.5
μA
sync-pulse
clipping
in
common
video
circuits.
Therefore,
the
OPA362
is
ideally
suited
for
•
SINGLE-SUPPLY: 2.5V to 3.3V
dc-coupling to the video load.
•
SC70-6 PACKAGE: 2.0mm x 2.1mm
The OPA362 has been optimized for space-sensitive
•
RoHS COMPLIANT
applications
by
integrating
internal
gain
setting
(1)
Internal circuitry avoids output saturation, even with 0V sync
resistors (G = 5.2V/V) and a two-pole video-DAC
tip level at the input video signal.
reconstruction filter.
In shutdown mode, quiescent current is reduced to
APPLICATIONS
less
than
1.5
μA,
dramatically
reducing
power
•
CAMERA PHONES
consumption and prolonging battery life.
The OPA362 is available in the tiny 2mm × 2.1mm
SC70-6 package.
RELATED LOW-VOLTAGE VIDEO AMPS
FEATURES
PRODUCT
2.7V to 3.3V, 70MHz, 6mA IQ, 5
μA Sleep, SC70
OPA358
2.7V to 3.3V, Filter, SAG, G = 2, 5
μA Sleep, SC70
OPA360
2.7V to 5.5V, 200MHz, 300V/
μs, 6μA Sleep, SOT23
OPA355
2.7V to 5.5V, 100MHz, 150V/
μs, 6μA Sleep, SOT23
OPA357
3V Video Amplifier with Internal Gain and Filter, SC70
OPA361
(1)
Closed when enabled during normal
operation; open when shut down.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DaVINCI is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA362

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
OPA360 TI2-OPA360 Datasheet
978Kb / 18P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
OPA360 TI2-OPA360 Datasheet
981Kb / 19P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
REVISED JANUARY 2006
OPA360 TI2-OPA360 Datasheet
982Kb / 19P
3V Single-Supply 80MHz High-Speed Op Amp in SC70
REVISED FEBRUARY 2005
More results

Similar Description - OPA362

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA360 BURR-BROWN-OPA360 Datasheet
329Kb / 15P
3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Maxim Integrated Produc...
MAX9508 MAXIM-MAX9508 Datasheet
400Kb / 25P
Video Filter Amplifier with SmartSleep and Bidirectional Video Support
Rev 0; 5/06
MAX9680 MAXIM-MAX9680 Datasheet
1Mb / 8P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 0; 9/09
MAX9680 MAXIM-MAX9680_10 Datasheet
1Mb / 9P
3V Video Amplifier with Internal Gain and Filter in SC70
Rev 1; 12/10
logo
Texas Instruments
OPA361-Q1 TI1-OPA361-Q1 Datasheet
533Kb / 18P
3V Video Amplifier with Internal Gain and Filter in SC70
OPA361AIDCKT TI-OPA361AIDCKT Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKTG4 TI-OPA361AIDCKTG4 Datasheet
632Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA361AIDCKR TI-OPA361AIDCKR Datasheet
618Kb / 17P
3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
OPA360 TI1-OPA360 Datasheet
1Mb / 24P
3V Video Amplifier with 6dB Gain and Filter
logo
Maxim Integrated Produc...
MAX9519 MAXIM-MAX9519 Datasheet
332Kb / 9P
1mm x 1mm Video Filter Amplifier with Automatic Shutdown and 4V/V Gain
19-4231; Rev 0; 8/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com