Electronic Components Datasheet Search
  English  ▼

X  

OPA362 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments OPA362 Datasheet HTML 10Page - Texas Instruments OPA362 Datasheet HTML 11Page - Texas Instruments OPA362 Datasheet HTML 12Page - Texas Instruments OPA362 Datasheet HTML 13Page - Texas Instruments OPA362 Datasheet HTML 14Page - Texas Instruments OPA362 Datasheet HTML 15Page - Texas Instruments OPA362 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Video
DAC
1.8VDAC
0.5VV
REF
Two-Pole
Filter
Shutdown
Control
+
75W
1.8V
Pull-up
10kW
100kW
(2)
3750W
(Seenote1)
G=5.2V/V
75W
TVDetect
TVDetect
GPIO
(3)
GPIO
OMAP3430
OPA362
TWL92230
872W
RegulatorV
AUX
2.5Vor2.8V
10mV
R
SET
+In
Out
V+
GND
Enable
OPA362
SBOS480 – SEPTEMBER 2009 ........................................................................................................................................................................................ www.ti.com
(1)
Closed when enabled during normal operation; open when shut down.
(2)
Protects GPIO against overvoltage conditions during active video transmission.
(3)
GPIO must be able to generate interrupt.
Figure 27. Using TV-Detect Signal to Disable/Enable the OPA362
Disabling the OPA362 also disconnects the internal
•
Automatic video start by polling the video line
feedback resistor path to GND, and therefore there is
periodically.
no current flowing from the logic supply through the
•
Automatic
video
stop
if
the
TV
(or
other
pull-up resistor to GND if no video load is connected;
equipment) is disconnected.
this architecture helps to conserve battery life. The
Proper implementation allows to significantly simplify
typical leakage when the output is pulled high and
the
user
interface.
For
more
information,
see
OPA362 is disabled is approximately 300pA.
Application
Report
SBOA109, OPA361
and
TV
The following functionality can be achieved by
Detection, available for download at www.ti.com.
implementing TV-detection:
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): OPA362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com