Electronic Components Datasheet Search
  English  ▼

X  

OPA362 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA362
Description  3V VIDEO AMPLIFIER with Internal Gain and Filter in SC70
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA362 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA362 Datasheet HTML 3Page - Texas Instruments OPA362 Datasheet HTML 4Page - Texas Instruments OPA362 Datasheet HTML 5Page - Texas Instruments OPA362 Datasheet HTML 6Page - Texas Instruments OPA362 Datasheet HTML 7Page - Texas Instruments OPA362 Datasheet HTML 8Page - Texas Instruments OPA362 Datasheet HTML 9Page - Texas Instruments OPA362 Datasheet HTML 10Page - Texas Instruments OPA362 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Time(1 s/div)
m
Time(25ns/div)
Frequency(Hz)
100k
1M
10M
100M
40
35
30
25
20
15
10
5
0
+125 C
°
+85 C
°
+25 C
°
-
°
25 C -
°
40 C
0 C
°
I
(A)
OUT
3.0
2.5
2.0
1.5
1.0
0.5
0
DIFFERENTIALGAIN
DIFFERENTIALPHASE
DG1
DG2
DG3
DG4
DG5
%1
%.
%.
%.
%5
-0.6
-1.0
-1.1
-1.2
-0.8
-5
0
+5
4
0
1
5
1
2
ZOOM
MODE
STEPS
SYNC=INT
INP=
C
-
A
MTIME=10s
LINE=330
DP1
DP2
DP3
DP4
DP5
dg1
dg.
dg.
dg.
dg5
1.1
1.6
1.6
1.5
1.1
-5
0
+5
4
0
1
5
1
2
ZOOM
MODE
STEPS
SYNC=INT
INP=
-
A
C
MTIME=10s
LINE=330
OPA362
www.ti.com ........................................................................................................................................................................................ SBOS480 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 2.8V, and RL = 150Ω, unless otherwise noted.
TURN-ON TIME
TURN-OFF TIME
Figure 13.
Figure 14.
OUTPUT VOLTAGE vs OUTPUT CURRENT
GROUP DELAY vs FREQUENCY
Figure 15.
Figure 16.
DIFFERENTIAL GAIN AND PHASE
Figure 17.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA362



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com