Electronic Components Datasheet Search
  English  ▼

X  

XCM520 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCM520 Datasheet HTML 1Page - Torex Semiconductor XCM520 Datasheet HTML 2Page - Torex Semiconductor XCM520 Datasheet HTML 3Page - Torex Semiconductor XCM520 Datasheet HTML 4Page - Torex Semiconductor XCM520 Datasheet HTML 5Page - Torex Semiconductor XCM520 Datasheet HTML 6Page - Torex Semiconductor XCM520 Datasheet HTML 7Page - Torex Semiconductor XCM520 Datasheet HTML 8Page - Torex Semiconductor XCM520 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
1/43
XCM520 Series
600mA Synchronous Step-Down DC/DC Converter + Dual LDO Regulator
■GENERAL DESCRIPTION
The XCM520 series is a multi chip module which comprises of a 600mA driver transistor built-in synchronous step–down
DC/DC converter and a dual CMOS LDO regulator. The device is housed in small USP-12B01 package which is ideally
suited for space conscious applications.
The XCM520 can replace this dual DC/DC to eliminate one inductor and reduce output noise.
The DC/DC converter with a built-in 0.42ΩP-channel MOS and a 0.52ΩN-channel MOS provides a high efficiency, stable
power supply up to 600mA to using only a coil and two ceramic capacitors connected externally.
The highly accurate, low noise, dual CMOS LDO regulator includes a reference voltage source, error amplifiers, driver
transistors, current limiters and phase compensation circuits internally. The series is also fully compatible with low ESR
ceramic capacitors.
This high level of output stability is maintained even during frequent load fluctuations, due to the excellent transient response
performance and high PSRR achieved across a broad range of frequencies. The EN function allows the output of each
regulator to be turned off independently, resulting in greatly reduced power consumption.
■APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth headsets
●WLAN PC cards
●Portable HDDs, SSDs
●PDAs, PNDs, UMPCs
●MP3 players, Media players
●Portable game consoles
●Cordless phones, Radio communication equipment
■FEATURES
<DC/DC Convertor Block>
Driver Transistor
: 0.42Ω P-channel MOS Built-in
Switching Transistor
: 0.52Ω N-channel MOS Built-in
Input Voltage Range
: 2.7V ∼ 6.0V
Output Voltage Range
: 0.8V ∼ 4.0V
High Efficiency
: 92% (TYP.) *
Output Current
: 600mA
Oscillation Frequency
: 1.2MHz,3.0MHz (±15%)
Soft-Start
: Built-In Soft-Start
Current Limiter Circuit : Constant Current & Latching
Control
: Fixed PWM, Auto PWM/PFM
*Performance depends on external components and wiring on PCB wiring.
<Dual LDO Regulator Block>
Maximum Output Current
: 150mA (Limiter 300mA TYP.)
Dropout Voltage
: 100mV @ 100mA
Operating Voltage Range
: 1.5V~6.0V
Output Voltage Range
: 0.8V~5.0V (0.05V increments)
High Accuracy
: ±2% (VOUT>1.5V)
±30mV (VOUT≦1.5V)
Low Power Consumption
: 25μA (TYP.)
Stand-by Current
: Less than 0.1μA(TYP.)
High Ripple Rejection
: 70dB @1kHz
Low Output Noise
Operating Temperature Range
: -40℃~+85℃
Low ESR Capacitor
: Ceramic Capacitor Compatible
Package
: USP-12B01
Standard Voltage Combinations
: VOUT1
VOUT2
VOUT3
XCM520xx01D
1.8V
1.2V
2.3V
XCM520xx02D
1.8V
1.3V
2.3V
XCM520xx03D
1.8V
1.2V
2.2V
XCM520xx04D
1.8V
1.2V
2.8V
XCM520xx05D
1.0V
1.2V
1.8V
XCM520xx06D
0.8V
1.5V
1.8V
*Other combinations are available as semi-custom products.
Environmentally Friendly
: EU RoHS Compliant, Pb Free
■TYPICAL APPLICATION CIRCUIT
* The dashed lines denote the connection using through-holes
at the backside of the PC board.
* The above circuit uses XCM520AA01 series.
* The DC/DC block VOUT3 is connected to the dual LDO regulator
VIN1 in this connection.
* Also, it is possible to operate two VIN independently.
ETR2427-002a
7
8
9
10
3
4
5
6
EN2
11
12
2
1
EN1
PGND
AGND
EN3
C
L2
1μF
C
L1
1μF
C
IN1
1μF
C
L3
10μF
L
1.5μH
C
IN2
4.7μF
V
IN
3.3V
V
OUT1
1.8V
V
OUT2
1.2V
V
OUT1
V
SS
V
OUT3
L
x
V
IN2
V
IN1
V
OUT2
V
OUT3
2.3V


Similar Part No. - XCM520

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA01DR-G TOREX-XCM524AA01DR-G Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA02DR-G TOREX-XCM524AA02DR-G Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA03DR-G TOREX-XCM524AA03DR-G Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
XCM524AA04DR-G TOREX-XCM524AA04DR-G Datasheet
1Mb / 52P
600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
More results

Similar Description - XCM520

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A Datasheet
282Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Torex Semiconductor
XCM519 TOREX-XCM519 Datasheet
1Mb / 49P
600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Technology
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3607 LINER-LTC3607_15 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3607 LINER-LTC3607 Datasheet
370Kb / 20P
Dual 600mA 15V Monolithic Synchronous Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com