Electronic Components Datasheet Search
  English  ▼

X  

XCM520 Datasheet(PDF) 22 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 22 Page - Torex Semiconductor

Back Button XCM520 Datasheet HTML 18Page - Torex Semiconductor XCM520 Datasheet HTML 19Page - Torex Semiconductor XCM520 Datasheet HTML 20Page - Torex Semiconductor XCM520 Datasheet HTML 21Page - Torex Semiconductor XCM520 Datasheet HTML 22Page - Torex Semiconductor XCM520 Datasheet HTML 23Page - Torex Semiconductor XCM520 Datasheet HTML 24Page - Torex Semiconductor XCM520 Datasheet HTML 25Page - Torex Semiconductor XCM520 Datasheet HTML 26Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
22/43
XCM520 Series
●DC/DC Block
(1) Efficiency vs. Output Current
VOUT3=1.8V, fOSC=1.2MHz
VOUT3=1.8V, fOSC=3.0MHz
L=4.7μH(NR4018), CIN2=4.7μF, CL3=10μF
L=1.5μH(NR3015), CIN2=4.7μF, CL3=10μF
(2) Output Voltage vs. Output Current
VOUT3=1.8V, fOSC=1.2MHz
VOUT3=1.8V, fOSC=3.0MHz
L=4.7μH(NR4018), CIN2=4.7μF, CL3=10μF
L=1.5μH(NR3015), CIN2=4.7μF, CL3=10μF
(3) Ripple Voltage vs. Output Current
VOUT3=1.8V, fOSC=1.2MHz
VOUT3=1.8V, fOSC=3.0MHz
L=4.7μH(NR4018), CIN2=4.7μF, CL3=10μF
L=1.5μH(NR3015), CIN2=4.7μF, CL3=10μF
■TYPICAL PERFORMANCE CHARACTERISTICS
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current:IOUT3(mA)
PWM/PFM Automatic Sw itching
PWM Control
VIN2= 4.2V
VIN2= 4.2V
3.6V
3.6V
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
Output Current:IOUT3(mA)
PWM/PFM Automatic Switching Control
VIN2= 4.2V
3.6V
3.6V
VIN2= 4.2V
PWM Control
1.5
1.6
1.7
1.8
1.9
2
2.1
0.1
1
10
100
1000
Output Current:I
OUT3(mA)
PWM/PFM Automatic Switching Control
PWM Control
V
IN2=4.2V,3.6V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current:I
OUT3(mA)
PWM/PFM Automatic
Switching Control
PWM Control
V
IN2=4.2V,3.6V
V
IN2=4.2V
3.6V
0
20
40
60
80
100
0.1
1
10
100
1000
Output Current:IOUT3(mA)
PWM/PFM Automatic
Switching Control
VIN2=4.2V
3.6V
PWM Control
VIN2=4.2V,3.6V
1.5
1.6
1.7
1.8
1.9
2
2.1
0.1
1
10
100
1000
Output Current:I
OUT3(mA)
PWM/PFM Automatic Switching Control
PWM Control
VIN2=4.2V,3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com