Electronic Components Datasheet Search
  English  ▼

X  

XCM520 Datasheet(PDF) 30 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 30 Page - Torex Semiconductor

Back Button XCM520 Datasheet HTML 26Page - Torex Semiconductor XCM520 Datasheet HTML 27Page - Torex Semiconductor XCM520 Datasheet HTML 28Page - Torex Semiconductor XCM520 Datasheet HTML 29Page - Torex Semiconductor XCM520 Datasheet HTML 30Page - Torex Semiconductor XCM520 Datasheet HTML 31Page - Torex Semiconductor XCM520 Datasheet HTML 32Page - Torex Semiconductor XCM520 Datasheet HTML 33Page - Torex Semiconductor XCM520 Datasheet HTML 34Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
30/43
XCM520 Series
●Regulator Block
(1) Output Voltage vs. Output Current
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
OutputC urrent:IOU T(m A )
VIN1= 6.0V
= 4.0V
    = 3.3V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
O utputC urrent:I
OU T(m A )
VIN1 = 6.0V
= 4.0V
=3.15V
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
O utputC urrent:IOU T(m A )
Topr= 85℃
= 25℃
    =-40℃
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
50
100
150
200
250
300
350
O utputC urrent:I
OUT(m A )
Topr= 85℃
= 25℃
    =-40℃
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
O utputC urrent:I
OUT(m A )
Topr= 85℃
= 25℃
    =-40℃
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
250
300
350
O utputC urrent:I
OU T(m A )
VIN1= 6.0V
= 3.8V
    = 1.8V
= 1.5V
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Ta=25℃, CIN1=1μF(ceramic), CL=1μF(ceramic)
VOUT=0.8V
VOUT=0.8V
VIN1=1.8V, CIN1=1μF(ceramic), CL=1μF(ceramic)
VOUT=2.85V
Ta=25℃, CIN1=1μF(ceramic), CL=1μF(ceramic)
VOUT=2.85V
VIN1=3.85V, CIN1=1μF(ceramic), CL=1μF(ceramic)
VOUT=3.0V
VIN1=4.0V, CIN1=1μF(ceramic), CL=1μF(ceramic)
VOUT=3.0V
Ta=25℃, CIN1=1μF(ceramic), CL=1μF(ceramic)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)
Output Current: IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com