Electronic Components Datasheet Search
  English  ▼

X  

XCM520 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 4 Page - Torex Semiconductor

  XCM520 Datasheet HTML 1Page - Torex Semiconductor XCM520 Datasheet HTML 2Page - Torex Semiconductor XCM520 Datasheet HTML 3Page - Torex Semiconductor XCM520 Datasheet HTML 4Page - Torex Semiconductor XCM520 Datasheet HTML 5Page - Torex Semiconductor XCM520 Datasheet HTML 6Page - Torex Semiconductor XCM520 Datasheet HTML 7Page - Torex Semiconductor XCM520 Datasheet HTML 8Page - Torex Semiconductor XCM520 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
4/43
XCM520 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN1 Voltage
VIN1
6.5
V
VOUT Current
IOUT1+IOUT2*
1
700
*2
mA
VOUT Voltage
VOUT1 / VOUT2
VSS-0.3~VIN1+0.3
V
EN1,EN2 Voltage
VEN1 / VEN2
VSS-0.3~6.5
V
VIN2 Voltage
VIN2
-0.3~6.5
V
Lx Voltage
VLX
-0.3~VIN2+0.3≦6.5
V
VOUT3 Voltage
VOUT3
-0.3~6.5
V
EN3 Voltage
VEN3
-0.3~6.5
V
Lx Current
ILX
±1500
mA
USP12-B01
150
800 (1ch operate)
Power Dissipation
USP12-B01
*3
(PCB mounted)
Pd
600 (both 2ch operate)
mW
Operating Temperature Range
Topr
-40~+85
℃
Storage Temperature Range
Tstg
-55~+125
℃
XC6401FF
■BLOCK DIAGRAMS
■MAXIMUM ABSOLUTE RATINGS
XC9235A/XC9236A
XC9235B/XC9236B
Available with CL Discharge, High Speed Soft-Start
*1. Rating is defined as a total of VR1 and VR2 in the VR bloc.
*2. Pd > { (VIN1 - VOUT1)×IOUT1+(VIN1 - VOUT2)×IOUT2 }
*3. The power dissipation figure shown is PCB mounted. Please refer to page 41 for details. Also, the power dissipation value above is
for each channel.
* XC9235 control scheme is a fixed PWM because that the “CE/MODE Control Logic” outputs a low level signal to the “PWM/PFM Selector”.
* XC9236 control scheme is an auto PWM/PFM switching because the “CE/MODE Control Logic” outputs a high level signal to the “PWM/PFM Selector”.
*Diodes inside the circuit are an ESD protection diode and a parasitic diode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com