Electronic Components Datasheet Search
  English  ▼

X  

XCM520 Datasheet(PDF) 19 Page - Torex Semiconductor

Part # XCM520
Description  600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM520 Datasheet(HTML) 19 Page - Torex Semiconductor

Back Button XCM520 Datasheet HTML 15Page - Torex Semiconductor XCM520 Datasheet HTML 16Page - Torex Semiconductor XCM520 Datasheet HTML 17Page - Torex Semiconductor XCM520 Datasheet HTML 18Page - Torex Semiconductor XCM520 Datasheet HTML 19Page - Torex Semiconductor XCM520 Datasheet HTML 20Page - Torex Semiconductor XCM520 Datasheet HTML 21Page - Torex Semiconductor XCM520 Datasheet HTML 22Page - Torex Semiconductor XCM520 Datasheet HTML 23Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
19/43
XCM520
Series
●Note on use of pattern layouts
1. Please use this IC within the stated absolute maximum ratings. The IC is liable to malfunction should the ratings be
exceeded.
2. The capacitor (CIN) should be connected as close as possible to the VIN and VSS pins.
When wiring impedance is high, noise propagation by output current or phase discrepancy occur which results in
unstable operating. In this case, please reinforce VIN and VSS rails. If the operation is still unstable, please increase
input capacitance CIN.
3. With comparison to the separate product usage, the two chips are placed in adjacent in the package so heat generation
Is influenced each other. Please evaluate and verify in the actual design.
●Instructions of pattern layouts
1. In order to stabilize VIN1・VIN2・VOUT1・VOUT2・VOUT3, we recommend that a by-pass capacitor (CIN1・CIN2・CL1・CL2・
CL3) be connected as close as possible to the VIN1・VIN2・VOUT1・VOUT2・VOUT3 and VSS pin.
2. Please mount each external component as close to the IC as possible.
3.
Wire external components as close to the IC as possible and use thick, short connecting traces to reduce the circuit
impedance.
4. VSS(AGND・PGND・VSS)ground wiring is recommended to get large area. The IC may goes into unstable operation
as a result of VSS voltage level fluctuation during the switching.
5. Heat is generated because of the output current (IOUT) and ON resistance of driver transistors.
●Reference Pattern Layout
■NOTE ON USE (Continued)
95
#
1
Front
Back
セラミックコンデンサ
インダクタ
Ceramic Capacitor
Inductor
TO EX
AGND
VOUT
3
L
XCM520
V
er . .
1 O
USP 12B
Lx
CL 3
EN3 MODE
EN1
GND
VOUT 1
VOUT 2
EN2
CL2
IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com