Electronic Components Datasheet Search
  English  ▼

X  

ICS830584I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS830584I
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830584I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS830584I Datasheet HTML 1Page - Integrated Device Technology ICS830584I Datasheet HTML 2Page - Integrated Device Technology ICS830584I Datasheet HTML 3Page - Integrated Device Technology ICS830584I Datasheet HTML 4Page - Integrated Device Technology ICS830584I Datasheet HTML 5Page - Integrated Device Technology ICS830584I Datasheet HTML 6Page - Integrated Device Technology ICS830584I Datasheet HTML 7Page - Integrated Device Technology ICS830584I Datasheet HTML 8Page - Integrated Device Technology ICS830584I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IDT™ / ICS™ PCI-X 1-TO-4 FANOUT BUFFER
2
ICS830584AGI REV. B MARCH
31, 2009
ICS830584I
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
TABLE 3. FUNCTION TABLE
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
1N
I
K
L
Ct
u
p
n
I
.
l
a
n
g
i
s
e
c
n
e
r
e
f
e
r
t
u
p
n
i
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2E
Ot
u
p
n
I
.
e
l
b
a
T
n
o
i
t
c
n
u
F
,
3
e
l
b
a
T
e
e
S
.
n
i
p
t
u
p
n
i
l
o
r
t
n
o
c
e
l
b
a
n
e
t
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
8
.
7
,
5
,
33
Q
,
2
Q
,
1
Q
,
0
Qt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
s
t
u
p
t
u
o
k
c
o
l
c
d
e
d
n
e
-
e
l
g
n
i
S
4D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
6V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
v
i
t
i
s
o
P
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
M
s
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω
s
t
u
p
n
Is
t
u
p
t
u
O
E
ON
I
K
L
C3
Q
:
0
Q
00
0
01
0
10
0
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com