Electronic Components Datasheet Search
  English  ▼

X  

ICS830584I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS830584I
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830584I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS830584I Datasheet HTML 1Page - Integrated Device Technology ICS830584I Datasheet HTML 2Page - Integrated Device Technology ICS830584I Datasheet HTML 3Page - Integrated Device Technology ICS830584I Datasheet HTML 4Page - Integrated Device Technology ICS830584I Datasheet HTML 5Page - Integrated Device Technology ICS830584I Datasheet HTML 6Page - Integrated Device Technology ICS830584I Datasheet HTML 7Page - Integrated Device Technology ICS830584I Datasheet HTML 8Page - Integrated Device Technology ICS830584I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IDT™ / ICS™ PCI-X 1-TO-4 FANOUT BUFFER
3
ICS830584AGI REV. B MARCH
31, 2009
ICS830584I
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5 V
Outputs, V
O
-0.5V to V
DD + 0.5V
Package Thermal Impedance,
θ
JA
121.5°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the
DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 4A. RECOMMENDED OPERATING CONDITIONS, V
DD = 3.3V ± 0.3V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
v
i
t
i
s
o
P
0
.
33
.
36
.
3V
V
H
I
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
H
V
*
7
.
0
D
D
V
V
L
I
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
L
V
*
3
.
0
D
D
V
V
I
e
g
a
t
l
o
V
t
u
p
n
I
0V
D
D
V
I
H
O
t
n
e
r
r
u
C
t
u
p
t
u
O
l
e
v
e
L
-
h
g
i
H
4
2
-A
m
I
L
O
t
n
e
r
r
u
C
t
u
p
t
u
O
l
e
v
e
L
-
w
o
L
4
2A
m
T
A
e
r
u
t
a
r
e
p
m
e
T
r
i
A
-
e
e
r
F
g
n
i
t
a
r
e
p
O
0
4
-5
8C
°
TABLE 4B. DC CHARACTERISTICS, V
DD = 3.3V ± 0.3V, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
T
†
m
u
m
i
x
a
Ms
t
i
n
U
V
K
I
e
g
a
t
l
o
V
t
u
p
n
II
I
A
m
8
1
-
=2
.
1
–V
V
H
O
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
I
H
O
A
m
1
-
=V
D
D
2
.
0
–V
I
H
O
A
m
4
2
-
=2
V
I
H
O
A
m
2
1
-
=4
.
2V
V
L
O
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
I
L
O
A
m
1
=2
.
0V
I
L
O
A
m
4
2
=8
.
0V
I
L
O
A
m
2
1
=5
5
.
0V
I
H
O
t
n
e
r
r
u
C
h
g
i
H
t
u
p
t
u
O
V
O
V
1
=0
5
–A
m
V
O
V
5
6
.
1
=5
5
–A
m
I
L
O
t
n
e
r
r
u
C
w
o
L
t
u
p
t
u
O
V
O
V
2
=0
6A
m
V
O
V
5
6
.
1
=0
7A
m
I
I
t
n
e
r
r
u
C
t
u
p
n
IV
I
V
r
o
V
0
=
D
D
0
5
1
±A
µ
I
D
D
t
n
e
r
r
u
C
c
i
m
a
n
y
Dz
H
M
7
6
=
f7
3A
m
C
i
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
IV
I
V
r
o
V
0
=
D
D
3F
p
C
o
e
c
n
a
t
i
c
a
p
a
C
t
u
p
t
u
OV
I
V
r
o
V
0
=
D
D
2
.
3F
p
†
V
l
a
n
i
m
o
n
e
v
i
t
c
e
p
s
e
r
t
a
e
r
a
s
e
u
l
a
v
l
a
c
i
p
y
t
ll
A
D
D
a.
C
°
5
2
d
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com