Electronic Components Datasheet Search
  English  ▼

X  

ICS830584I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS830584I
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830584I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS830584I Datasheet HTML 2Page - Integrated Device Technology ICS830584I Datasheet HTML 3Page - Integrated Device Technology ICS830584I Datasheet HTML 4Page - Integrated Device Technology ICS830584I Datasheet HTML 5Page - Integrated Device Technology ICS830584I Datasheet HTML 6Page - Integrated Device Technology ICS830584I Datasheet HTML 7Page - Integrated Device Technology ICS830584I Datasheet HTML 8Page - Integrated Device Technology ICS830584I Datasheet HTML 9Page - Integrated Device Technology ICS830584I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IDT™ / ICS™ PCI-X 1-TO-4 FANOUT BUFFER
6
ICS830584AGI REV. B MARCH
31, 2009
ICS830584I
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
tp
LH
tp
HL
V
DD
2
V
DD
2
V
DD
2
V
DD
2
CLKIN
Q0:Q3
PARAMETER MEASUREMENT INFORMATION
PART-TO-PART SKEW
OUTPUT SKEW
3.3V CORE/3.3V OUTPUT LOAD AC TEST CIRCUIT
PROPAGATION DELAY
tsk(pp)
V
DD
2
V
DD
2
Qy
Qx
Part 1
Part 2
tsk(o)
V
DD
2
V
DD
2
Qy
Qx
tR
t F
VF
VR
0.2V
DD
0.6V
DD
0.6V
DD
0.2V
DD
t
PERIOD
t
PW
t
PERIOD
odc =
V
DD
2
x 100%
t
PW
Q0:Q3
OUTPUT RISE/FALL SLEW RATES
10pF
140
Ω
140
Ω
Yn
V
DD
CLOCK WAVEFORM
OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
high
V
test
V
IL(max)
t
low
V
IH(min)
0.6V
DD
0.2V
DD
0.4V
DD
Peak-to-Peak (min)
t
cyc
NOTE: All parameters are according to PCI-X 1.0 specifications
r
e
t
e
m
a
r
a
Pe
u
l
a
Vt
i
n
U
V
)
n
i
m
(
H
I
V
5
.
0
D
D
V
V
)
x
a
m
(
L
I
V
5
3
.
0
D
D
V
V
t
s
e
t
V
4
.
0
D
D
V
Q0:Q3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com