Electronic Components Datasheet Search
  English  ▼

X  

ICS830584I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS830584I
Description  LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS830584I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS830584I Datasheet HTML 1Page - Integrated Device Technology ICS830584I Datasheet HTML 2Page - Integrated Device Technology ICS830584I Datasheet HTML 3Page - Integrated Device Technology ICS830584I Datasheet HTML 4Page - Integrated Device Technology ICS830584I Datasheet HTML 5Page - Integrated Device Technology ICS830584I Datasheet HTML 6Page - Integrated Device Technology ICS830584I Datasheet HTML 7Page - Integrated Device Technology ICS830584I Datasheet HTML 8Page - Integrated Device Technology ICS830584I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IDT™ / ICS™ PCI-X 1-TO-4 FANOUT BUFFER
4
ICS830584AGI REV. B MARCH
31, 2009
ICS830584I
LOW SKEW, PCI-X 1-TO-4 FANOUT BUFFER
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
T
†
m
u
m
i
x
a
Ms
t
i
n
U
f
k
l
c
1
E
T
O
N
;
y
c
n
e
u
q
e
r
F
k
c
o
l
C
00
4
1z
H
M
p
t
H
L
;
h
g
i
H
o
t
w
o
L
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
2
E
T
O
N
8
.
15
.
23
s
n
p
t
L
H
;
w
o
L
o
t
h
g
i
H
,
y
a
l
e
D
n
o
i
t
a
g
a
p
o
r
P
2
E
T
O
N
8
.
14
.
23
s
n
t
)
o
(
k
s4
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
50
0
1s
p
t
)
p
(
k
sw
e
k
S
e
s
l
u
Pz
H
M
0
4
10
7
1s
p
t
)
r
p
(
k
sw
e
k
S
s
s
e
c
o
r
P
0
0
20
0
3s
p
t
)
p
p
(
k
s5
,
4
E
T
O
N
;
w
e
k
S
t
r
a
P
-
o
t
-
t
r
a
P
0
5
20
0
4s
p
t t
ij
;
S
M
R
,
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
r
e
f
f
u
B
n
o
i
t
c
e
s
r
e
t
t
i
J
e
s
a
h
P
e
v
i
t
i
d
d
A
o
t
r
e
f
e
r
:
e
g
n
a
R
n
o
i
t
a
r
g
e
t
n
I
,
z
H
M
0
4
1
z
H
M
0
2
–
z
H
k
0
1
5
1
.
0s
p
T
h
g
i
h
e
m
i
T
h
g
i
H
K
L
C
z
H
M
6
66
s
n
z
H
M
0
4
13
s
n
T
w
o
l
e
m
i
T
w
o
L
K
L
C
z
H
M
6
66
s
n
z
H
M
0
4
13
s
n
t
R
e
t
a
R
w
e
l
S
e
s
i
R
t
u
p
t
u
O
‡
V
2
.
0
D
D
V
6
.
0
o
t
D
D
5
.
17
.
24
s
n
/
V
t
F
e
t
a
R
w
e
l
S
ll
a
F
t
u
p
t
u
O
‡
V
6
.
0
D
D
V
2
.
0
o
t
D
D
5
.
17
.
24
s
n
/
V
†
V
l
a
n
i
m
o
n
e
v
i
t
c
e
p
s
e
r
t
a
e
r
a
s
e
u
l
a
v
l
a
c
i
p
y
t
ll
A
D
D .
‡
.
y
g
o
l
o
n
i
m
r
e
t
X
-
I
C
P
o
t
g
n
i
d
r
o
c
c
a
s
i
l
o
b
m
y
s
s
i
h
T
,
e
r
u
t
a
r
e
p
m
e
t
r
i
a
-
e
e
r
f
g
n
i
t
a
r
e
p
o
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
f
o
s
e
g
n
a
r
d
e
d
n
e
m
m
o
c
e
r
r
e
v
o
s
c
i
t
s
i
r
e
t
c
a
r
a
h
c
g
n
i
h
c
t
i
w
S
:
1
E
T
O
N
C
L
V
,
F
p
0
1
=
D
D
.
V
3
.
0
±
V
3
.
3
=
V
m
o
r
f
d
e
r
u
s
a
e
M
:
2
E
T
O
N
D
D
V
o
t
t
u
p
n
i
e
h
t
f
o
2
/
D
D
.
t
u
p
t
u
o
e
h
t
f
o
2
/
V
t
a
d
e
r
u
s
a
e
M
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
D
D
.
2
/
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
4
E
T
O
N
d
n
a
s
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
a
g
n
i
t
a
r
e
p
o
s
e
c
i
v
e
d
t
n
e
r
e
f
f
i
d
n
o
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
5
E
T
O
N
V
t
a
d
e
r
u
s
a
e
m
s
i
t
u
p
t
u
o
e
h
t
,
e
c
i
v
e
d
h
c
a
e
n
o
t
u
p
n
i
f
o
e
p
y
t
e
m
a
s
e
h
t
g
n
i
s
U
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
D
D
.
2
/
TABLE 5. AC CHARACTERISTICS, V
DD = 3.3V ± 0.3V, T
A
= -40°C TO 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com