Electronic Components Datasheet Search
  English  ▼

X  

ICS840271I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840271I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS840271I Datasheet HTML 1Page - Integrated Device Technology ICS840271I Datasheet HTML 2Page - Integrated Device Technology ICS840271I Datasheet HTML 3Page - Integrated Device Technology ICS840271I Datasheet HTML 4Page - Integrated Device Technology ICS840271I Datasheet HTML 5Page - Integrated Device Technology ICS840271I Datasheet HTML 6Page - Integrated Device Technology ICS840271I Datasheet HTML 7Page - Integrated Device Technology ICS840271I Datasheet HTML 8Page - Integrated Device Technology ICS840271I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
4
ICS840271BGI REV. A APRIL 23, 2009
Table 4C. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V±5% or 2.5V±5%, TA = -40°C to 85°C
Table 4D. Differential DC Characteristics, VDD = 3.3V±5% or 2.5V±5%, TA = -40°C to 85°C
NOTE 1: VIL should not be less than -0.3V.
NOTE 2: Common mode input voltage is defined as VIH.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
VDD = 3.3V
2
VDD + 0.3
V
VDD = 2.5V
1.7
VDD + 0.3
V
VIL
Input Low Voltage
VDD = 3.3V
-0.3
0.8
V
VDD = 2.5V
-0.3
0.7
V
IIH
Input High Current
SEL1
VDD = VIN = 3.465V or 2.625V
5
µA
SEL0
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
SEL1
VDD = 3.465V, VIN = 0V
-150
µA
SEL0
VDD = 3.465V, VIN = 0V
-5
µA
VOH
Output High Voltage
VDD = 3.465V, IOH = 12mA
2.6
V
VDD = 2.625V, IOH = 12mA
1.8
V
VOL
Output Low Voltage
VDD = 3.465V or 2.625V, IOL = -12mA
0.5
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
IIH
Input High Current
CLK/nCLK
VDD = VIN = 3.465V or 2.625V
150
µA
IIL
Input Low Current
CLK
VDD = 3.465V or 2.625V,
VIN = 0V
-5
µA
nCLK
VDD = 3.465V or 2.625V,
VIN = 0V
-150
µA
VPP
Peak-to-Peak Voltage; NOTE 1
0.15
1.3
V
VCMR
Common Mode Input Voltage;
NOTE 1, 2
GND + 0.5
VDD – 0.85
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com