Electronic Components Datasheet Search
  English  ▼

X  

ICS840271I Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840271I Datasheet(HTML) 1 Page - Integrated Device Technology

  ICS840271I Datasheet HTML 1Page - Integrated Device Technology ICS840271I Datasheet HTML 2Page - Integrated Device Technology ICS840271I Datasheet HTML 3Page - Integrated Device Technology ICS840271I Datasheet HTML 4Page - Integrated Device Technology ICS840271I Datasheet HTML 5Page - Integrated Device Technology ICS840271I Datasheet HTML 6Page - Integrated Device Technology ICS840271I Datasheet HTML 7Page - Integrated Device Technology ICS840271I Datasheet HTML 8Page - Integrated Device Technology ICS840271I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
ICS840271I
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
1
ICS840271BGI REV. A APRIL 23, 2009
General Description
The ICS840271I is a PLL-based Frequency
Translator intended for use in telecommunication
applications such as Synchronous Ethernet. The
internal PLL translates Ethernet clock frequencies
such as 125MHz (1Gb Ethernet), 156.25MHz
(10GbE XAUI) and 161.1328MHz (10Gb Ethernet) to an output
frequency of 25MHz. The PLL does not any require external
components. The input frequency is selectable by a 2-pin
interface. The ICS840271I is optimized for low cycle-to-cycle jitter
on the 25MHz output signal. The input of the device accepts
differential (LVPECL, LVDS, LVHSTL, SSTL, HCSL) or
single-ended (LVCMOS) signals. The extended temperature range
supports telecommunication and networking equipment
requirements. The ICS840271I uses a small RoHS 6, 8-pin
TSSOP package and is an effective solution for space-constrained
applications.
Features
• Clock frequency translator for Synchronous Ethernet
applications
• One single-ended output (LVCMOS or LVTTL levels),
16
Ω output impedance
• Differential input pair (CLK, nCLK) accepts LVPECL, LVDS,
LVHSTL, SSTL, HCSL input levels
• Supports input clock frequencies of: 125MHz, 156.25MHz or
161.1328MHz
• Generates a 25MHz output clock signal
• Internal resistor bias on nCLK pin allows the user to drive CLK
input with external single-ended (LVCMOS/LVTTL) input levels
• Internal PLL is optimized for low cycle-to-cycle jitter at the
output
• Full 3.3V or 2.5V supply voltage
• -40°C to 85°C ambient operating temperature
• Available in lead-free (RoHS 6) package
HiPerClockS™
ICS
ICS840271I
8 Lead TSSOP
4.40mm x 3.0mm x 0.925mm
package body
G Package
Top View
Pin Assignment
1
2
3
4
8
7
6
5
VDDA
nCLK
CLK
SEL0
GND
Q
SEL1
VDD
25 MHz
Q
SEL(1:0)
Input Control Logic
CLK
nCLK
00 = PLL Bypass
01 = 161.1328125MHz
10 = 156.2500000MHz
11 = 125.0000000MHz
PLL
Pre-
divider
Output
divider
Feedback
divider
Block Diagram


Similar Part No. - ICS840271I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS840271I RENESAS-ICS840271I Datasheet
889Kb / 14P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
More results

Similar Description - ICS840271I

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
FX-104 VECTRON-FX-104 Datasheet
485Kb / 12P
Frequency Translator
logo
CTS Corporation
VCP3006X CTS-VCP3006X Datasheet
190Kb / 5P
Frequency Translator
VCP3007B CTS-VCP3007B Datasheet
190Kb / 5P
Frequency Translator
VCP3020A CTS-VCP3020A Datasheet
190Kb / 5P
Frequency Translator
VCP3021X CTS-VCP3021X Datasheet
191Kb / 5P
Frequency Translator
VCP3033A CTS-VCP3033A Datasheet
190Kb / 5P
Frequency Translator
logo
Vectron International, ...
FX-101 VECTRON-FX-101_10 Datasheet
332Kb / 7P
Frequency Translator
logo
Integrated Device Techn...
ICS840272I IDT-ICS840272I Datasheet
906Kb / 15P
Synchronous Ethernet Frequency Translator
logo
Renesas Technology Corp
ICS840272I RENESAS-ICS840272I Datasheet
832Kb / 18P
Synchronous Ethernet Frequency Translator
06/19/14
ICS840271I RENESAS-ICS840271I Datasheet
889Kb / 14P
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
APRIL 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com