Electronic Components Datasheet Search
  English  ▼

X  

ICS840271I Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840271I Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ICS840271I Datasheet HTML 5Page - Integrated Device Technology ICS840271I Datasheet HTML 6Page - Integrated Device Technology ICS840271I Datasheet HTML 7Page - Integrated Device Technology ICS840271I Datasheet HTML 8Page - Integrated Device Technology ICS840271I Datasheet HTML 9Page - Integrated Device Technology ICS840271I Datasheet HTML 10Page - Integrated Device Technology ICS840271I Datasheet HTML 11Page - Integrated Device Technology ICS840271I Datasheet HTML 12Page - Integrated Device Technology ICS840271I Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
9
ICS840271BGI REV. A APRIL 23, 2009
Schematic Example
Figure 4 shows an example of ICS840271I applications schematic.
In this example, the device is operated at VDD = 3.3V. The input is
driven by either a 3.3V LVPECL or LVDS driver. One example of
LVCMOS termination is shown in this schematic. The decoupling
capacitors should be located a close as possible to the power pin.
Figure 4. ICS840271I Schematic layout
VDD
U1
1
2
3
4
8
7
6
5
VDDA
SEL0
CLK
nCLK
VDD
Q
GND
SEL1
nCLK
R3
125
VDD
SEL1
R1
10
Logic Input Pin Examples
RD1
Not Install
Q
RU2
Not Install
C3
10u
R2
33
Set Logic
Input to
'1'
Set Logic
Input to
'0'
VDDA
VDD
Zo = 50
R4
125
LVPECL Driv er
C2
0.1u
Zo = 50
CLK
C1
0.01u
R6
84
R5
84
LVCMOS
VDD
RU1
1K
To Logic
Input
pins
VDD
SEL0
RD2
1K
To Logic
Input
pins
Zo = 50 Ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com