Electronic Components Datasheet Search
  English  ▼

X  

ICS840271I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840271I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS840271I Datasheet HTML 2Page - Integrated Device Technology ICS840271I Datasheet HTML 3Page - Integrated Device Technology ICS840271I Datasheet HTML 4Page - Integrated Device Technology ICS840271I Datasheet HTML 5Page - Integrated Device Technology ICS840271I Datasheet HTML 6Page - Integrated Device Technology ICS840271I Datasheet HTML 7Page - Integrated Device Technology ICS840271I Datasheet HTML 8Page - Integrated Device Technology ICS840271I Datasheet HTML 9Page - Integrated Device Technology ICS840271I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
6
ICS840271BGI REV. A APRIL 23, 2009
Parameter Measurement Information
3.3V Output Load AC Test Circuit
Differential Input Level
Output Duty Cycle/Pulse Width/Period
2.5V Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Output Rise/Fall Time
SCOPE
Qx
LVCMOS
GND
-1.65V±5%
1.65V±5%
VDD
VDDA
1.65V±5%
nCLK
CLK
VDD
GND
V
CMR
Cross Points
V
PP
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q
SCOPE
Qx
LVCMOS
GND
-1.25V±5%
1.25V±5%
VDD
VDDA
1.25V±5%
➤
➤
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
Q
20%
80%
80%
20%
tR
t F
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com