Electronic Components Datasheet Search
  English  ▼

X  

ICS840271I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS840271I
Description  SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS840271I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS840271I Datasheet HTML 3Page - Integrated Device Technology ICS840271I Datasheet HTML 4Page - Integrated Device Technology ICS840271I Datasheet HTML 5Page - Integrated Device Technology ICS840271I Datasheet HTML 6Page - Integrated Device Technology ICS840271I Datasheet HTML 7Page - Integrated Device Technology ICS840271I Datasheet HTML 8Page - Integrated Device Technology ICS840271I Datasheet HTML 9Page - Integrated Device Technology ICS840271I Datasheet HTML 10Page - Integrated Device Technology ICS840271I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
ICS840271I
SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
IDT™ / ICS™ SYNCHRONOUS ETHERNET FREQUENCY TRANSLATOR
7
ICS840271BGI REV. A APRIL 23, 2009
Application Information
Power Supply Filtering Technique
As in any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter perform-
ance, power supply isolation is required. The ICS840271I provides
separate power supplies to isolate any high switching noise from
the outputs to the internal PLL. VDD and VDDA should be individual-
ly connected to the power supply plane through vias, and 0.01µF
bypass capacitors should be used for each pin. Figure 1 illustrates
this for a generic VDD pin and also shows that VDDA requires that
an additional 10
Ω resistor along with a 10µF bypass capacitor be
connected to the VDDA pin.
Figure 1. Power Supply Filtering
Wiring the Differential Input to Accept Single Ended Levels
Figure 2 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = VDD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin. The ratio of
R1 and R2 might need to be adjusted to position the V_REF in the
center of the input voltage swing. For example, if the input clock
swing is only 2.5V and VDD = 3.3V, V_REF should be 1.25V and
R2/R1 = 0.609.
Figure 2. Single-Ended Signal Driving Differential Input
Recommendations for Unused Input Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
VDD
VDDA
3.3V or 2.5V
10
Ω
10µF
.01µF
.01µF
V_REF
Single Ended Clock Input
VDD
CLK
nCLK
R1
1K
C1
0.1u
R2
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com