Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 3 Page - Integrated Device Technology

Part # ICS841664I
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841664I Datasheet(HTML) 3 Page - Integrated Device Technology

  ICS841664I Datasheet HTML 1Page - Integrated Device Technology ICS841664I Datasheet HTML 2Page - Integrated Device Technology ICS841664I Datasheet HTML 3Page - Integrated Device Technology ICS841664I Datasheet HTML 4Page - Integrated Device Technology ICS841664I Datasheet HTML 5Page - Integrated Device Technology ICS841664I Datasheet HTML 6Page - Integrated Device Technology ICS841664I Datasheet HTML 7Page - Integrated Device Technology ICS841664I Datasheet HTML 8Page - Integrated Device Technology ICS841664I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IDT™ / ICS™ HCSL CLOCK GENERATOR
3
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
TABLE 3B. REF_SEL FUNCTION TABLE
TABLE 3D. MR/nOE FUNCTION TABLE
TABLE 3C. BYPASS FUNCTION TABLE
t
u
p
n
I
L
E
S
_
F
E
Re
c
n
e
r
e
f
e
R
t
u
p
n
I
0L
A
T
X
1N
I
_
F
E
R
t
u
p
n
I
S
S
A
P
Y
Bn
o
i
t
a
r
u
g
i
f
n
o
C
L
L
P
0n
o
L
L
P
1)
N
/
f
e
r
f
=
B
Q
,
A
Q
(
d
e
s
s
a
p
y
b
L
L
P
.
)
h
c
t
il
g
t
u
p
t
u
o
e
s
u
a
c
y
a
m
(
n
o
i
t
c
n
u
f
.
r
h
c
n
y
s
A
:
1
E
T
O
N
t
u
p
n
I
E
O
n
/
R
Mn
o
i
t
c
n
u
F
1
E
T
O
N
0d
e
l
b
a
n
e
s
t
u
p
t
u
O
1)
w
o
L
(
d
e
l
b
a
s
i
d
s
t
u
p
t
u
o
,
t
e
s
e
r
e
c
i
v
e
D
.
)
h
c
t
il
g
t
u
p
t
u
o
e
s
u
a
c
y
a
m
(
n
o
i
t
c
n
u
f
.
r
h
c
n
y
s
A
:
1
E
T
O
N
TABLE 3A. FSELX FUNCTION TABLE (f
ref = 25MH
Z
)
TABLE 3E. nREF_OE FUNCTION TABLE
t
u
p
n
I
E
O
_
F
E
R
nn
o
i
t
c
n
u
F
1
E
T
O
N
0d
e
l
b
a
n
e
T
U
O
_
F
E
R
1)
e
c
n
a
d
e
p
m
i
h
g
i
h
(
d
e
l
b
a
s
i
d
T
U
O
_
F
E
R
.
)
h
c
t
il
g
t
u
p
t
u
o
e
s
u
a
c
y
a
m
(
n
o
i
t
c
n
u
f
.
r
h
c
n
y
s
A
:
1
E
T
O
N
s
t
u
p
n
Is
g
n
i
t
t
e
S
y
c
n
e
u
q
e
r
F
s
t
u
p
t
u
O
1
L
E
S
F0
L
E
S
FM
1
:
0
A
Q
n
/
1
:
0
A
Q1
:
0
B
Q
n
/
1
:
0
B
Q
00
5
2)
z
H
M
5
2
1
(
5
/
O
C
V)
z
H
M
5
2
1
(
5
/
O
C
V
01
5
2)
z
H
M
5
2
1
(
5
/
O
C
V)
z
H
M
5
2
.
6
5
1
(
4
/
O
C
V
10
5
2)
z
H
M
5
2
1
(
5
/
O
C
VH
=
1
:
0
B
Q
n
,
L
=
1
:
0
B
Q
11
5
2)
z
H
M
5
2
.
6
5
1
(
4
/
O
C
V)
z
H
M
5
2
.
6
5
1
(
4
/
O
C
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com