Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 4 Page - Integrated Device Technology

Part # ICS841664I
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841664I Datasheet(HTML) 4 Page - Integrated Device Technology

  ICS841664I Datasheet HTML 1Page - Integrated Device Technology ICS841664I Datasheet HTML 2Page - Integrated Device Technology ICS841664I Datasheet HTML 3Page - Integrated Device Technology ICS841664I Datasheet HTML 4Page - Integrated Device Technology ICS841664I Datasheet HTML 5Page - Integrated Device Technology ICS841664I Datasheet HTML 6Page - Integrated Device Technology ICS841664I Datasheet HTML 7Page - Integrated Device Technology ICS841664I Datasheet HTML 8Page - Integrated Device Technology ICS841664I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IDT™ / ICS™ HCSL CLOCK GENERATOR
4
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V
DD
4.6V
Inputs, V
I
-0.5V to V
DD + 0.5V
Outputs, V
O
-0.5V to V
DDO_X + 0.5V
Package Thermal Impedance,
θ
JA
64.5°C/W (0 mps)
Storage Temperature, T
STG
-65°C to 150°C
NOTE: Stresses beyond those listed under Absolute
Maximum Ratings may cause per manent damage to the
device. These ratings are stress specifications only. Functional op-
eration of product at these conditions or any conditions beyond
those listed in the
DC Characteristics or AC Characteristics is not
implied. Exposure to absolute maximum rating conditions for ex-
tended periods may affect product reliability.
TABLE 4A. POWER SUPPLY DC CHARACTERISTICS, V
DD = VDDOA = VDDOB = 3.3V±5%, T
A
= -40°C TO 85°C
TABLE 4B. LVCMOS / LVTTL DC CHARACTERISTICS, V
DD = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
e
r
o
C
5
3
1
.
33
.
35
6
4
.
3V
V
A
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV
D
D
5
1
.
0
–3
.
35
6
4
.
3V
V
,
A
O
D
D
V
B
O
D
D
e
g
a
t
l
o
V
y
l
p
p
u
S
t
u
p
t
u
O
5
3
1
.
33
.
35
6
4
.
3V
I
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
0
7A
m
I
A
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
g
o
l
a
n
A
5
1A
m
I
,
A
O
D
D
I
B
O
D
D
t
n
e
r
r
u
C
y
l
p
p
u
S
t
u
p
t
u
O
5
7A
m
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
V
H
I
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I
2V
D
D
3
.
0
+V
V
L
I
e
g
a
t
l
o
V
w
o
L
t
u
p
n
I
3
.
0
-8
.
0V
I
H
I
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
I
,
L
E
S
_
F
E
R
,
N
I
_
F
E
R
,
E
O
n
/
R
M
,
S
S
A
P
Y
B
1
L
E
S
F
,
0
L
E
S
F
V
D
D
V
=
N
I
V
5
6
4
.
3
=0
5
1A
µ
E
O
_
F
E
R
nV
D
D
V
=
N
I
V
5
6
4
.
3
=5
A
µ
I
L
I
t
n
e
r
r
u
C
w
o
L
t
u
p
n
I
,
L
E
S
_
F
E
R
,
N
I
_
F
E
R
,
E
O
n
/
R
M
,
S
S
A
P
Y
B
1
L
E
S
F
,
0
L
E
S
F
V
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=5
-A
µ
E
O
_
F
E
R
nV
D
D
V
,
V
5
6
4
.
3
=
N
I
V
0
=0
5
1
-A
µ
V
H
O
;
e
g
a
t
l
o
V
h
g
i
H
t
u
p
u
O
1
E
T
O
N
T
U
O
_
F
E
RV
D
D
V
5
6
4
.
3
=5
7
2
.
2V
V
L
O
;
e
g
a
t
l
o
V
w
o
L
t
u
p
u
O
1
E
T
O
N
T
U
O
_
F
E
RV
D
D
V
5
6
4
.
3
=5
7
7
.
0V
Z
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
OT
U
O
_
F
E
RV
D
D
V
5
6
4
.
3
=0
2
Ω
0
5
h
t
i
w
d
e
t
a
n
i
m
r
e
t
s
t
u
p
t
u
O
:
1
E
T
O
N
Ω
V
o
t
D
D
,
n
o
i
t
c
e
S
n
o
i
t
a
m
r
o
f
n
I
t
n
e
m
e
r
u
s
a
e
M
r
e
t
e
m
a
r
a
P
e
e
S
.
2
/
.
m
a
r
g
a
i
d
t
i
u
c
r
i
C
t
s
e
T
d
a
o
L
t
u
p
t
u
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com