Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS841664I
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841664I Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS841664I Datasheet HTML 3Page - Integrated Device Technology ICS841664I Datasheet HTML 4Page - Integrated Device Technology ICS841664I Datasheet HTML 5Page - Integrated Device Technology ICS841664I Datasheet HTML 6Page - Integrated Device Technology ICS841664I Datasheet HTML 7Page - Integrated Device Technology ICS841664I Datasheet HTML 8Page - Integrated Device Technology ICS841664I Datasheet HTML 9Page - Integrated Device Technology ICS841664I Datasheet HTML 10Page - Integrated Device Technology ICS841664I Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
IDT™ / ICS™ HCSL CLOCK GENERATOR
7
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
PARAMETER MEASUREMENT INFORMATION
HCSL OUTPUT SKEW
3.3V LVCMOS OUTPUT LOAD AC TEST CIRCUIT
3.3V HCSL OUTPUT LOAD AC TEST CIRCUIT
RMS PHASE JITTER
Phase Noise Mask
Offset Frequency
f
1
f
2
Phase Noise Plot
RMS Jitter = Area Under the Masked Phase Noise Plot
tsk(o)
Qy
Qx
nQy
nQx
LVCMOS OUTPUT RISE/FALL TIME
HCSL OUTPUT RISE/FALL TIME
LVCMOS OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
t
PW
t
PERIOD
t
PW
t
PERIOD
odc =
x 100%
QA0, QA1,
QB0, QB1
nQA0, nQA1,
nQB0, nQB1
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
REF_OUT
HCSL OUTPUT DUTY CYCLE/PULSE WIDTH/PERIOD
SCOPE
Qx
LVCMOS
1.65V±5%
-1.65V±5%
GND
V
DD
VDDA
1.65V±5%
Measurement
Point
HSCL
33
Ω
50
Ω
50
Ω
33
Ω
Measurement
Point
50
Ω
50
Ω
475
Ω
0V
3.3V±5%
GND
V
DD,
V
DDOA,
V
DDOB
3.3V±5%,
VDDA
20%
80%
80%
20%
tR
t F
QA0, QA1,
QB0, QB1
nQA0, nQA1,
nQB0, nQB1
0.175V
0.525V
0.525V
0.175V
tR
t F
VSWING
REF_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com