Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 6 Page - Integrated Device Technology

Part # ICS841664I
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841664I Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button ICS841664I Datasheet HTML 2Page - Integrated Device Technology ICS841664I Datasheet HTML 3Page - Integrated Device Technology ICS841664I Datasheet HTML 4Page - Integrated Device Technology ICS841664I Datasheet HTML 5Page - Integrated Device Technology ICS841664I Datasheet HTML 6Page - Integrated Device Technology ICS841664I Datasheet HTML 7Page - Integrated Device Technology ICS841664I Datasheet HTML 8Page - Integrated Device Technology ICS841664I Datasheet HTML 9Page - Integrated Device Technology ICS841664I Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
IDT™ / ICS™ HCSL CLOCK GENERATOR
6
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
TYPICAL PHASE NOISE AT 156.25MHZ AT 3.3V
156.25MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.35ps (typical)
OFFSET FREQUENCY (HZ)
TYPICAL PHASE NOISE AT 125MHZ AT 3.3V
125MHz
RMS Phase Jitter (Random)
1.875MHz to 20MHz = 0.35ps (typical)
OFFSET FREQUENCY (HZ)
sRIO Filter
Raw Phase Noise Data
Phase Noise Result by adding
an sRIO Filter to raw data
sRIO Filter
Raw Phase Noise Data
Phase Noise Result by adding
an sRIO Filter to raw data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com