Electronic Components Datasheet Search
  English  ▼

X  

ICS841664I Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS841664I
Description  FEMTOCLOCK??CRYSTAL-TO-HCSL CLOCK GENERATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS841664I Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS841664I Datasheet HTML 8Page - Integrated Device Technology ICS841664I Datasheet HTML 9Page - Integrated Device Technology ICS841664I Datasheet HTML 10Page - Integrated Device Technology ICS841664I Datasheet HTML 11Page - Integrated Device Technology ICS841664I Datasheet HTML 12Page - Integrated Device Technology ICS841664I Datasheet HTML 13Page - Integrated Device Technology ICS841664I Datasheet HTML 14Page - Integrated Device Technology ICS841664I Datasheet HTML 15Page - Integrated Device Technology ICS841664I Datasheet HTML 16Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
IDT™ / ICS™ HCSL CLOCK GENERATOR
13
ICS841664AGI REV. A JANUARY 30, 2009
ICS841664I
FEMTOCLOCK™ CRYSTAL-TO-HCSL CLOCK GENERATOR
PRELIMINARY
3. Calculations and Equations.
The purpose of this section is to calculate power dissipation on the IC per HCSL output pair.
HCSL output driver circuit and termination are shown in
Figure 6.
HCSL is a current steering output which sources a maximum of 17mA of current per output. To calculate worst case on-chip power
dissipation, use the following equations which assume a 50
Ω load to ground.
The highest power dissipation occurs when V
DD_MAX
.
Power
= (V
DD_MAX
– V
OUT
) * I
OUT
since V
OUT
= I
OUT
* R
L
Power
= (V
DD_MAX
– I
OUT
* R
L
) * I
OUT
= (3.465V – 17mA * 50
Ω) * 17mA
Total Power Dissipation per output pair = 44.5mW
FIGURE 6. HCSL DRIVER CIRCUIT AND TERMINATION
VDD
VOUT
RL
50
Ω
IC
IOUT = 17mA
RREF =
475
Ω ± 1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com