Electronic Components Datasheet Search
  English  ▼

X  

TLE8262E Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # TLE8262E
Description  Universal System Basis Chip HERMES Rev. 1.0
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8262E Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button TLE8262E Datasheet HTML 36Page - Infineon Technologies AG TLE8262E Datasheet HTML 37Page - Infineon Technologies AG TLE8262E Datasheet HTML 38Page - Infineon Technologies AG TLE8262E Datasheet HTML 39Page - Infineon Technologies AG TLE8262E Datasheet HTML 40Page - Infineon Technologies AG TLE8262E Datasheet HTML 41Page - Infineon Technologies AG TLE8262E Datasheet HTML 42Page - Infineon Technologies AG TLE8262E Datasheet HTML 43Page - Infineon Technologies AG TLE8262E Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 93 page
background image
Data Sheet
40
Rev. 1.0, 2009-03-31
TLE8262E
WK Pin
9WK Pin
9.1
Block Description
Figure 16
Functional Block Diagram
The internal voltage regulator (
V
cc1µC) and the entire SBC can wake up by changing the wake input voltage. The
WK input pin is a bi-level sensitive input. This means that both transitions, HIGH to LOW and LOW to HIGH, result
in a wake-up. The filtering time is
t
WK, f.The wake-up capability can be enabled or disabled via SPI command. In
case of reverse polarity, no special protection must be set if the absolute maximum rating is respected. When the
SBC is below the minimum
V
UVOFF, (SBC OFF Mode) the pin WK is at high impedance; a wake event will be
ignored.
The state of the WK pin (low or high) can always be read in Normal Mode, Stop Mode and SW Flash Mode at the
bit WK State. When setting the bit “WK PIN on/off” to 1, the device wakes up from Sleep Mode with a high to low
or low to high transition. From Fail-Safe Mode the device will always go to Restart Mode with a high to low or low
to high transition. If the bit “WK PIN on/off” is set to 1 in Normal, Stop or SBC SW Flash Mode the interrupt bits
“WK 0 WK pin” and/or “WK 1 WK pin” are set in case of a change on the WK pin and an interrupt is generated if
not masked. With the bits “WK 0 WK pin” and “WK 1 WK pin” the interrupt for low to high transition and high to low
transition can be masked separately.
9.2
Wake-Up Timing
Figure 17 shows typical wake-up timing and parasitic filtering. The filtering time is
t
WK, f.. This is used to avoid a
parasitic wake-up due to EMC disturbances. Specifically, the voltage transition on pin WK must be higher than the
V
WK,TH and longer than tWK,f to be understood as a wake-up signal.
Internal supply
IPU_MON
Wake.vsd
IPD_MON
IWK
State
machine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com