| Electronic Components Datasheet Search |
|
TLE8262E Datasheet(PDF) 67 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8262E Datasheet(HTML) 67 Page - Infineon Technologies AG |
|
67 / 93 page ![]() Data Sheet 67 Rev. 1.0, 2009-03-31 TLE8262E Limp Home 13.3 Activation of the Limp Home Output The reason to activate the Limp Home pins and the consequences are listed in Table 12 and Table 13. 13.4 Release of the Limp Home Output When Limp Home is activated via SPI command, then it is released via SPI command. This is useful for diagnosis purpose for example. Otherwise, the Limp Home outputs are released only in SBC Normal Mode with the following conditions: After the device has been set to SBC Restart Mode, automatically entering SBC Normal Mode, a successful Watchdog trigger must be sent via SPI. At this point, the Limp Home outputs remain active. Then the microcontroller needs to send by SPI command the deactivation of the Limp Home. 13.5 Vcc1µC undervoltage time-out A V cc1µC undervoltage time-out condition is given, when 1) the V cc1µC output voltage is below the reset threshold (VRT1, VRT2, VRT3), 2) V S is higher then the threshold (VSthUV1, VSthUV2, VSthUV3) and 3) the condition is valid longer then the V cc1µC under voltage time-out (tVcc1UVTO). A V cc1µC undervoltage time-out will sent the device into Fail-Safe Mode. Limp Home output stag will be activated (for V s > VLHUV) Figure 32 gives an example of the Limp Home output activation, due to a V cc1µC undervoltage time-out. Table 12 Limp Home, Function of the SBC Mode SBC Mode Limp Home Outputs INIT Mode OFF Normal Mode OFF ON via SPI ON if it was ON until the successful Watchdog setting and deactivation via SPI. Stop Mode Unchanged Sleep Mode Unchanged Restart Mode Unchanged Fail-Safe Mode ON SW Flash Mode Unchanged Table 13 Automatic Activation of Limp Home Output SBC Mode Reason INIT Mode INIT time-out (tINITTO) Normal Mode 1st Watchdog failure (config 1/2) 2nd Watchdog failure (config 3/4) Restart Mode Reset output permanent short circuit to Vcc1µC Reset output permanent short circuit to GND V cc1µC undervoltage time-out Any mode If previously turned ON in SBC Normal Mode, via SPI command V cc1µC thermal shutdown |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |