Electronic Components Datasheet Search
  English  ▼

X  

EM6156 Datasheet(PDF) 4 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 4 Page - EM Microelectronic - MARIN SA

  EM6156 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
4
www.emmicroelectronic.com
Absolute Maximum Ratings
Parameter
Symbol
Conditions
Continuous voltage at VIN to VSS
VIN
-0.3V to +40V
Transients on VIN for t < 100ms
and duty cycle 1%
VTRANS
Up to +45V
Max. voltage at any signal pin
VMAX VOUTPUT + 0.3V
Min. voltage at any signal pin
VMIN
VSS – 0.3V
Reverse supply voltage on VIN
VREV
-42V
Storage temperature
TSTO
-65 to °150°C
ESD According to MIL-STD-883
method 3015.7
VSmax
2000V
Table 2
Stresses above these listed maximum ratings may cause
permanent damages to the device. Exposure beyond
specified operating conditions may affect device reliability or
cause malfunction.
Decoupling Methods
The input capacitor is necessary to compensate the line
influences. A resistor of approx. 1
Ω connected in series
with the input capacitor may be used to damp the oscillation
of the input capacitor and input inductance. The ESR value
of the capacitor plays a major role regarding the efficiency of
the decoupling.
It is recommended also to connect a
ceramic capacitor (100nF) directly at the IC's pins.
In
general the user must assure that pulses on the input line
have slew rates lower than 1V/µs. On the output side, the
capacitor is necessary for the stability of the regulation
circuit. The stability is guaranteed for values of 10 µF or
greater. It is especially important to choose a capacitor with
a low ESR value. Tantalum capacitors are recommended.
See the notes related to Table 2. Special care must be
taken in disturbed environments (automotive, proximity of
motors and relays, etc).
Handling Procedures
This device has built-in protection against high static
voltages or electric fields; however, anti-static precautions
must be taken as for any other CMOS component. Unless
otherwise specified, proper operation can only occur when
all terminal voltages are kept within the voltage range.
Unused inputs must always be tied to a defined logic
voltage level.
Operating Conditions
Parameter
Symbol
Min
Max
Unit
Operating junction temperature
Tj
-40
+150
°C
VIN voltage (Note 1)
VINPUT
4.0
40
V
VOUT voltage (Note 1,2)
VOUTPUT
3.5
5.5
V
RESET guaranteed (Note 3)
VOUTPUT
1.2
V
VOUT output current (Note 4)
IOUTPUT
120
mA
Comparator input voltage
VIN
0
VOUT
V
Package thermal resistance
from junction to ambient: Exp.
Pad SO8 150 MILS (Note 5)
Rth(j-a)
30
90
°C/W
Table 3
Note 1:
Full operation guaranteed. To achieve the load regulation specified in Table 3, a 10 µF capacitor or greater is required on the
VIN, see Fig. 1b. The 10 µF must have an effective resistance ≤ 4 Ω and a resonant frequency above 500 kHz.
Note 2:
A 10µF load capacitor and a 100 nF decoupling capacitor are required o the regulator output for stability. The 10 µF must have
an effective series resistance of < 4
Ω and a resonant frequency above 500 kHz.
Note 3:
For open drain output type,
RESET must be pulled up externally to VOUT even if it is unused.
Note 4:
The output current will not apply to the full range of input voltage. Power dissipation that would require the EM6156 to work
above the maximum junction temperature (+150 °C) must be avoided.
Note 5:
The thermal resistance specified assumes the package is soldered to a PCB. A typical value of 51 °C/W has been obtained
with a dual layer board, with the slug soldered to the heat-sink area of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com