Electronic Components Datasheet Search
  English  ▼

X  

EM6156 Datasheet(PDF) 3 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 3 Page - EM Microelectronic - MARIN SA

  EM6156 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
3
www.emmicroelectronic.com
Ordering Information
Standard Versions
Part Number
Threshold
Reset
Timeout
Reset
Watchdog
Timeout
Reset
Output
Package
Delivery Form
Package
Marking
EM6156LXES8B-4.4+
4.4V
200ms
1.6s
Active Low
Push Pull
ExPadSO8
Tape & Reel, 2500 pcs
TBD
Note
: the "+" symbol at the end of the part number means that this product is RoHS compliant (green).
Sample stock is generally held on standard versions only. Please contact factory for other versions not shown here and for
availability of non standard versions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com