Electronic Components Datasheet Search
  English  ▼

X  

EM6156 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  EM6156 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
5
www.emmicroelectronic.com
Electrical Characteristics
VIN = 13.5V, COUT = 10µF + 100nF, CIN = 2 µF, VDD connected to VOUT; TA = -40 to +125 °C (Note 1), unless otherwise
specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Low drop Output Regulator
Supply current (Note 6)
ISS
IL = 1 mA
412
µA
Supply current
ISS
IL = 100 mA
9
15
mA
Output voltage
VOUTPUT
5 mA
≤ IL ≤ 100 mA
4.9
5
5.10
V
Line regulation (Note 7)
VLINE
6 V
≤ VIN ≤ 100 mA, IL = 5 mA
15
30
mV
Load regulation (Note 7)
VL
5 mA
≤ IL ≤ 100 mA, VIN = 6V
40
mV
Dropout voltage (Note 8)
VDROPOUT
IL = 100 mA
250
500
mV
Current limit
ILmax
Output tied to VSS, VIN = 6V
120
160
mA
Reset
Threshold hysteresis
VHYS
TA = +25°C
-
2.1%●VTH
-
V
EM6156 C-G-L-Q
160
200
240
EM6156 A-E-J-N
0.7
1.56
3.8
EM6156 B-F-K-P
20
25
30
Reset timeout period
tPOR
VDD from 0V to
VTH(typ)+15%
TA = +25°C
(Note 2 & Note 4)
EM6156 D-H-M-R
1280
1600
1920
ms
Propagation delay time
VDD to RESET (RESET)
delay
tP
VDD drops from VTH(typ) +0.2V to
VTH(typ)-0.2V (Note 2). TA = +25°C
2
70
255
µs
VDD > 1V
IOL = 100µA
-
-
0.3
VDD > 2.5V
IOL = 1.5mA
-
-
0.3
Open-drain RESET output
voltage
VOL
VDD > 5V
IOL = 3mA
-
-
0.35
V
VDD > 2.5V
IOL = 1.5mA
-
-
0.3
VDD > 5V
IOL = 3mA
-
-
0.35
VOL
VDD > 1V
IOL = 100µA
-
-
0.3
V
VDD > 1.1V
IOL = -30µA
0.8
-
-
VDD > 2.5V
IOL = -1.5mA
2
-
-
Push-pull RESET / RESET
output voltage
VOH
VDD > 5V
IOL = -3mA
4
-
-
V
Output leakage current
ILEAK
Only for EM6156_Y (open-drain)
-
-
0.5
µA
+25°C
2.886
2.974
EM6156-2.9
-40°C to +85°C
2.784
2.93
3.091
-40°C to +125°C
2.731
3.103
+25°C
3.034
3.126
EM6156-3.1
-40°C to +85°C
2.926
3.08
3.249
-40°C to +125°C
2.871
3.262
+25°C
4.334
4.466
EM6156-4.4
-40°C to +85°C
4.180
4.40
4.642
-40°C to +125°C
4.101
4.660
+25°C
4.561
4.699
EM6156-4.6
-40°C to +85°C
4.399
4.63
4.885
Threshold voltage (Note 3)
VTH
-40°C to +125°C
4.315
4.903
V
Watchdog Input (WDI)
WDI Input low
VWDI low
-
-
0.3●VDD
V
WDI Input high
VWDI high
0.7●VDD
-
-
V
Pulse width at WDI
tWP
TA = +25°C
1
-
-
µs
EM6156 J-K-L-M
1280
1600
1920
EM6156 A-B-C-D
5
6.25
7.5
EM6156 E-F-G-H
80
100
120
Watchdog timeout period
tWD
(Note 5)
EM6156 N-P-Q-R
20480
25600
30720
ms
High-level input current
IIH
WDI connected to VDD, TA = +25°C
-
18
-
µA
Low-level input current
IIL
WDI connected to VSS, TA = +25°C
-
8.3
-
µA
Table 4
Note 1
:
Production tested at +25°C only. Over temperature limits are guaranteed by design, not production tested.
Note 2:
WDI and
RESET open.
Note 3:
Threshold voltage is specified for VDD falling.
Note 4:
Standard version for tPOR is 200ms (typ). Other option (1.6ms, 25ms, 1600ms) are available by mask option
Note 5:
Standard version for tWD is 1600ms (typ). Other option (6.2ms, 102ms, 25.6s) are available by mask option
Note 6:
If INPUT is connected to VSS, no reverse current will flow from the OUTPUT to the INPUT.
Note 7:
Regulation is measured at constant junction temperature using pulse testing with a low duty cycle.
Note 8:
The dropout voltage is defined as the INPUT to OUTPUT differential, measured with the input voltage equal to 5.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com