Electronic Components Datasheet Search
  English  ▼

X  

EM6156 Datasheet(PDF) 7 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 7 Page - EM Microelectronic - MARIN SA

Back Button EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 11Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
7
www.emmicroelectronic.com
Typical Operating Characteristics
(Typical values are at TA=+25°C unless otherwise noted. WDI, RESET and RESET open.)
0
1
2
3
4
5
6
7
8
9
-50
-25
0
25
50
75
100
125
[ °C ]
[ uA ]
V
DD 3 . 3 V
V
DD 5 . 0 V
V
DD 1. 5 V
Fig. 5
IDD vs. Temperature
[ °C ]
60%
80%
100%
120%
140%
160%
-50
-25
0
25
50
75
100
125
t
POR (°C)
t
POR (25°C)
Fig. 7
Reset Timeout Period tPOR vs. Temperature
(normalized with respect to tPOR 25°C)
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
[ °C ]
[ us ]
Fig. 9
Propagation Time tPHL vs. Temperature
[ °C ]
-6%
-4%
-2%
0%
2%
4%
6%
-50
-25
0
25
50
75
100 125
Fig. 6
Threshold Voltage Variation vs. Temperature
(normalized)
[ °C ]
60%
80%
100%
120%
140%
160%
-50
-25
0
25
50
75
100
125
t
WD (°C)
t
WD (25°C)
Fig. 8
Watchdog Timeout Period tWD vs. Temperature
(normalized with respect to tWD 25°C)
0
20
40
60
80
100
120
1
10
100
1000
[ mV ]
[ us ]
Reset occurs above
this line
Fig. 10
Maximum Transient Duration tSEN vs.
Overdrive VTH-VD



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com