Electronic Components Datasheet Search
  English  ▼

X  

EM6156 Datasheet(PDF) 8 Page - EM Microelectronic - MARIN SA

Part # EM6156
Description  5V 120mA Automotive LDO Regulator with Watchdog
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6156 Datasheet(HTML) 8 Page - EM Microelectronic - MARIN SA

Back Button EM6156 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM6156 Datasheet HTML 11Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
R
EM6156
Copyright
© 2007, EM Microelectronic-Marin SA
06/07 – rev.A
8
www.emmicroelectronic.com
Typical Operating Characteristics
(Typical values are at TA = +25°C unless otherwise noted. WDI, RESET and RESET open)
100
125
150
175
200
225
250
-50 -25
0
25
50
75
100 125
[ °C ]
[ ns ]
Fig. 11
Watchdog Input Pulse Width tWP vs. Temperature
Functional Description
WDI
RESET
t > t
WD
t < t
WD
V
DD
t
POR
High Impedance
t
POR
MR
t
POR
Fig. 12
VOUT Monitoring
A microprocessor (μP) reset input starts the microcontroller
in a known state. The EM6156 microcontroller supervisory
circuits assert a reset to prevent code-execution errors
during power-up, power down, and brownout conditions.
RESET
is guaranteed to be a logic low for VDD down to
0.9V. Once VDD exceeds the reset threshold, an internal
timer keeps RESET low for the specified reset timeout
period (tPOR); after this interval, RESET returns high.
If a brownout condition occurs (VDD dips below the reset
threshold), RESET goes low. Each time RESET is asserted
it stays low for the reset timeout period. Any time VDD
goes below the reset threshold the internal timer restarts.
RESET
is the inverse of RESET.
Voltage Regulator
The EM6156 has a 5 V, 150 mA, low dropout voltage
regulator. The low supply current makes the EM6156
particularly suitable for automotive systems which remain
continuously powered. The input voltage range is 2.3 V to
40 V for operation and the input protection includes both
reverse battery (42 V below ground) and load dump
(positive transients up to 45 V). There is no reverse current
flow from the VOUT to the VIN when the VIN equals VSS.
This feature is important for systems which need to
implement (with capacitance) a minimum power supply
hold-up time in the event of power failure. To achieve good
load regulation a 22 μF capacitor (or greater) is needed on
the VIN (see Fig. 17). Tantalum or aluminium electrolytic
are adequate for the 22 μF capacitor; film types will work
but are relatively expensive. Many aluminium electrolytic
have electrolytes that freeze at about –30°C, so tantalums
are recommended for operation below –25°C. The
important parameters of the 22 μF capacitor are an
effective series resistance of lower than 4
Ω and a resonant
frequency above 500 kHz.
A output 10 μF capacitor (or greater) and a 100 nF
capacitor are required on the output to prevent oscillations
due to instability. The specification of this 10 μF capacitor
is as per the 22 μF capacitor on the input (see previous
paragraph).
The EM6156 will remain stable and in regulation with no
external load and the dropout voltage is typically constant
as the input voltage fall below its minimum level (see Table
2). These features are especially important in CMOS RAM
keep-alive applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com