Electronic Components Datasheet Search
  English  ▼

X  

MIC22700 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC22700
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC22700 Datasheet HTML 10Page - Micrel Semiconductor MIC22700 Datasheet HTML 11Page - Micrel Semiconductor MIC22700 Datasheet HTML 12Page - Micrel Semiconductor MIC22700 Datasheet HTML 13Page - Micrel Semiconductor MIC22700 Datasheet HTML 14Page - Micrel Semiconductor MIC22700 Datasheet HTML 15Page - Micrel Semiconductor MIC22700 Datasheet HTML 16Page - Micrel Semiconductor MIC22700 Datasheet HTML 17Page - Micrel Semiconductor MIC22700 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Micrel, Inc.
MIC22700
July 2009
14
M9999-072209-B
Sequencing & Tracking examples
There are four distinct variations which are easily
implemented using the MIC22700. The two sequencing
variations are Delayed and Windowed. The two tracking
variants are Normal and Ratio Metric. The following
diagrams
illustrate
methods
for
connecting
two
MIC22700’s to achieve these requirements.
Sequencing:
Normal Tracking:
Ratio Metric Tracking:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com