Electronic Components Datasheet Search
  English  ▼

X  

MIC22700 Datasheet(PDF) 17 Page - Micrel Semiconductor

Part # MIC22700
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700 Datasheet(HTML) 17 Page - Micrel Semiconductor

Back Button MIC22700 Datasheet HTML 13Page - Micrel Semiconductor MIC22700 Datasheet HTML 14Page - Micrel Semiconductor MIC22700 Datasheet HTML 15Page - Micrel Semiconductor MIC22700 Datasheet HTML 16Page - Micrel Semiconductor MIC22700 Datasheet HTML 17Page - Micrel Semiconductor MIC22700 Datasheet HTML 18Page - Micrel Semiconductor MIC22700 Datasheet HTML 19Page - Micrel Semiconductor MIC22700 Datasheet HTML 20Page - Micrel Semiconductor MIC22700 Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Micrel, Inc.
MIC22700
July 2009
17
M9999-072209-B
Evaluation Board Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty
C2012X5R0J226M
TDK
(1)
08056D226MAT
AVX
(2)
C1, C2, C3,
C4, C5
GRM21BR60J226ME39L
Murata
(3)
22µF/6.3V, 0805, Ceramic Capacitor
5
C7, C13
GRM188R71H103KA01D
Murata
10nF, 0603, Ceramic Capacitor
1
Open(VJ0603Y102KXQCW1BC)
Vishay
(4)
1nF, 0603, Ceramic Capacitor
Open(GRM188R71H102KA01D)
Murata
1000pF/50V, X7R, 0603, Ceramic Capacitor
C6
Open(C1608C0G1H102J)
TDK
1000pF/50V, COG, 0603, Ceramic Capacitor
1
VJ0603Y102KXQCW1BC
Vishay
1nF, 0603, Ceramic Capacitor,
GRM188R71H102KA01D
Murata
1000pF/50V, X7R, 0603, Ceramic Capacitor
C8
C1608C0G1H102J
TDK
1000pF/50V, COG, 0603, Ceramic Capacitor
1
GRM1555C1H390JZ01D
Murata
39pF/50V, COG, 0402, Ceramic Capacitor
C9
VJ0402A390KXQCW1BC
BC components
(5)
39pF /10V, 0402, Ceramic Capacitor
1
C3216X5R0J476M
TDK
47µF/6.3V, X5R, 1206, Ceramic Capacitor
GRM31CR60J476ME19
Murata
47µF/6.3V, X5R, 1206, Ceramic Capacitor
C10, C11
GRM31CC80G476ME19L
Murata
47µF/4V, X6S, 1206, Ceramic Capacitor
2
VJ0402A101KXQCW1BC
Vishay
100pF, 0603, Ceramic Capacitor
C12
GRM1555C1H101JZ01D
Murata
100pF/50V, COG, 0402, Ceramic Capacitor
1
SS2P2L
Vishay
D1
DFLS220
Diodes, Inc.
(6)
Schottky Diode, 2A, 20V
1
SPM6530T-1R0M120
TDK
1µH, 12A, size 7x6.5x3mm
L1
HCP0704-1R0-R
Coiltronics
(7)
1µH, 12A, size 6.8x6.8x4.2mm
1
R1
CRCW06031101FKEYE3
Vishay
Resistor, 1.1k, 0603, 1%
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com