Electronic Components Datasheet Search
  English  ▼

X  

MIC22700 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC22700
Description  1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC22700 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC22700 Datasheet HTML 13Page - Micrel Semiconductor MIC22700 Datasheet HTML 14Page - Micrel Semiconductor MIC22700 Datasheet HTML 15Page - Micrel Semiconductor MIC22700 Datasheet HTML 16Page - Micrel Semiconductor MIC22700 Datasheet HTML 17Page - Micrel Semiconductor MIC22700 Datasheet HTML 18Page - Micrel Semiconductor MIC22700 Datasheet HTML 19Page - Micrel Semiconductor MIC22700 Datasheet HTML 20Page - Micrel Semiconductor MIC22700 Datasheet HTML 21Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
Micrel, Inc.
MIC22700
July 2009
18
M9999-072209-B
Item
Part Number
Manufacturer
Description
Qty
R2
CRCW04026980FKEYE3
Vishay
Resistor, 698Ω, 0603, 1%
1
R3
CRCW06034752FKEYE3
Vishay
Resistor, 47.5k, 0603, 1%
1
R4
CRCW04022002FKEYE3
Vishay
Resistor, 20k, 0402, 1%
1
R5
Open(CRCW06031003FRT1)
Vishay
Resistor, 100k, 0603, 1%
1
Open(2N7002E)
Vishay
Q1
Open(CMDPM7002A)
Central
Semiconductor
(8)
Signal MOSFET – SOT-23-6
1
U1
MIC22700YML
Micrel
(9)
Integrated 7A Synchronous Buck Regulator
1
Notes:
1.
TDK: www.tdk.com
2.
AVX: www.avx.com
3.
Murata: www.murata.com
4.
Vishay: www.vishay.com
5.
BC Components: www.bccomponents.com
6.
Diodes, Inc.: www.diodes.com
7.
Coiltronics:coiltronics.com
8.
Central Semiconductor: www.centralsemi.com
9.
Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com