Electronic Components Datasheet Search
  English  ▼

X  

SCA8X0 Datasheet(PDF) 5 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 5 Page - VTI technologies

  SCA8X0 Datasheet HTML 1Page - VTI technologies SCA8X0 Datasheet HTML 2Page - VTI technologies SCA8X0 Datasheet HTML 3Page - VTI technologies SCA8X0 Datasheet HTML 4Page - VTI technologies SCA8X0 Datasheet HTML 5Page - VTI technologies SCA8X0 Datasheet HTML 6Page - VTI technologies SCA8X0 Datasheet HTML 7Page - VTI technologies SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
5/35
www.vti.fi
Doc. Nr. 82 694 00 C
General Description
1.1
Introduction
VTI Automotive Digital Accelerometer Platform is an accelerometer product concept based on VTI
capacitive 3D-MEMS technology. The VTI ADP platform integrates high accuracy micromechanical
acceleration sensing together with a flexible SPI digital interface. The products within the platform
range from single axis accelerometers into two or three axis accelerometers. Dual Flat Lead (DFL)
housing of the component guarantees robust operation over the product lifetime.
The products are designed, manufactured and tested for high stability, reliability and quality
requirements of automotive applications. The accelerometers have extremely stable output over
wide range of temperature, humidity and mechanical noise. The components are qualified against
AEC-Q100 standard and have several advanced self diagnostics features. The DFL housing is
suitable for SMD mounting and the component is compatible with RoHS and ELV directives.
This Product Family Specification describes the VTI Automotive Digital Accelerometer Platform
common characteristics and how to operate with the products. Detail product specification is
described in individual data sheets of each product.
1.2
Features
Standard features of the VTI Automotive Digital Accelerometer Platform
•
Single, dual or three axis acceleration measurement
•
SPI digital interface
•
3.3V supply voltage
•
Enhanced self diagnostics features
•
Internal temperature sensor
•
Size 7.6 x 3.3 x 8.6 mm (w x h x l)
•
RoHS compliant Dual Flat Lead (DFL) plastic package suitable for lead free soldering
process and SMD mounting
•
Package, pin-out and SPI protocol compatible within the product family
•
Proven capacitive 3D-MEMS technology
•
Qualified according to AEC-Q100 standard
Main characteristics of each product within the product family are listed in Table 1 below.
Table 1: Digital platform summary
Type
Measuring directions
SCA810
X
Single axis Accelerometer
SCA820
Z
Single axis Accelerometer
SCA830
Y
Single axis Accelerometer
SCA2100
X, Y
Dual axis Accelerometer
SCA2110
X, Z
Dual axis Accelerometer
SCA2120
Y, Z
Dual axis Accelerometer
SCA3100
X, Y, Z
Three axis Accelerometer
Figure 1:
Measurement directions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com