Electronic Components Datasheet Search
  English  ▼

X  

SCA8X0 Datasheet(PDF) 17 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 17 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 13Page - VTI technologies SCA8X0 Datasheet HTML 14Page - VTI technologies SCA8X0 Datasheet HTML 15Page - VTI technologies SCA8X0 Datasheet HTML 16Page - VTI technologies SCA8X0 Datasheet HTML 17Page - VTI technologies SCA8X0 Datasheet HTML 18Page - VTI technologies SCA8X0 Datasheet HTML 19Page - VTI technologies SCA8X0 Datasheet HTML 20Page - VTI technologies SCA8X0 Datasheet HTML 21Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
17/35
www.vti.fi
Doc. Nr. 82 694 00 C
[] ()
C
LSB
k
LSB
Temp
C
C
Temp
dec
°
−
+
°
±
=
°
512
10
23
,
where Temp[°C] is temperature in Celsius and Tempdec is temperature from TEMP_MSB and
TEMP_LSB registers in decimal format, bits(t9:0). k is temperature slope factor specified as
Min
Typ
Max
Unit
k
2.8
3.2
3.6
LSB/
oC
3.1.6
Status Register (STATUS)
Address: 2h
Bits
Mode
Initial
Value
Name
Description
7:3
-
-
Reserved
2
R
0
ATEST
Analog test mode status
1 – Test mode is active
0 – Test mode is not active
1
R
0
CSMERR
EEPROM Checksum Error. In
SCA21X0/SCA31X0 ST bit of SPI frame is also
set if CSMERR is set.
0
R
0
FRME
SPI frame error. Bit is reset, when next correct
SPI frame is received. Bit is also visible in SPI
frame.
3.1.7
Interrupt Status Register (INT_STATUS)
Address: 16h
Bits
Mode
Initial
Value
Name
Description
7
R
0
Reserved
6
R
0
SAT
Saturation status of output data
1 – Over range detected, one or 2-3 of xyz axis is
saturated and output data is not valid.
0 – Data in range
SAT bit is also visible in SPI frame. This bit can be
active after start-up or reset stage before signal
path settles to final value and it has to be
acknowledged in start-up sequence (see Table 3)
or after SW reset or after PORST stage.
5
R
0
STS
Status of gravitation based start-up self test
1 – Failure
0 – No failure
STS sets also ST bit in SPI frame.
4
R
0
STC
Status of continuous self test
1 – Failure
0 – No failure
STC sets also ST bit in SPI frame.
3:0
R
0000
Reserved
The bits in this interrupt status register and corresponding SPI frame bits are cleared after register
has been read. Register reading is treated as interrupt acknowledgement signal. These bits are
kept active even failure condition is over if they are not acknowledged.
This register is not defined in SCA8X0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com