Electronic Components Datasheet Search
  English  ▼

X  

SCA8X0 Datasheet(PDF) 10 Page - VTI technologies

Part # SCA8X0
Description  VTI Automotive Digital Accelerometer Platform
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VTI [VTI technologies]
Direct Link  http://www.vti.fi
Logo VTI - VTI technologies

SCA8X0 Datasheet(HTML) 10 Page - VTI technologies

Back Button SCA8X0 Datasheet HTML 6Page - VTI technologies SCA8X0 Datasheet HTML 7Page - VTI technologies SCA8X0 Datasheet HTML 8Page - VTI technologies SCA8X0 Datasheet HTML 9Page - VTI technologies SCA8X0 Datasheet HTML 10Page - VTI technologies SCA8X0 Datasheet HTML 11Page - VTI technologies SCA8X0 Datasheet HTML 12Page - VTI technologies SCA8X0 Datasheet HTML 13Page - VTI technologies SCA8X0 Datasheet HTML 14Page - VTI technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SCA8X0/21X0/3100 Series
VTI Technologies Oy
10/35
www.vti.fi
Doc. Nr. 82 694 00 C
Table 3:
SCA21X0 and SCA31X0 start up sequence
Item
Procedure
Functions
Check
1
Set Vdd=3.0...3.6V
•
Release part from
reset
-
2
Wait 35ms
•
Memory reading
and self-diagnostic
•
Settling of signal
path
-
3
Read INT_STATUS
•
Acknowledge for
possible saturation
(SAT-bit)
•
Checksum pass
detected from SPI
frame
•
SPI fixed bits
•
SPI ST=0
4
Write
CTRL=00001010 (a)
or
CTRL=00001000 (b)
or
CTRL=00000000 (c)
•
Set PORST=0 (abc)
•
Start STC (ab)
•
Start STS (a)
•
SPI fixed bits
•
SPI FRME=0
•
SPI ST=0
•
SPI SAT=0
5
Wait 10ms
STS calculation
-
6
Read CTRL
•
Check that STC is
on, if enabled
•
Check that STS is
over if enabled
•
CTRL.ST=1
•
CTRL.ST_CFG=0
•
SPI fixed bits
•
SPI FRME=0
•
SPI PORST=0
•
SPI ST=0
•
SPI SAT=0
•
dPAR, data parity
7
Read Z_MSB, Z_LSB,
Y_MSB, Y_LSB,
X_MSB, X_LSB
Read acceleration data
•
SPI fixed bits
•
SPI FRME=0
•
SPI PORST=0
•
SPI ST=0
•
SPI SAT=0
•
dPAR, data parity
2.6
Recommended operation sequence
Table 4:
Reading of the acceleration data
Item
Procedure
Functions
Check
1
Read acceleration data
Desired x, y,
or/and z-data
•
SPI fixed bits
•
SPI FRME=0
•
SPI PORST=0
•
SPI ST=0
•
SPI SAT=0
•
dPAR, data
parity
2
Repeat item 1 (N-1) times
Noise
averaging
-
3
Calculate average (AVE) of
N-samples
Noise
averaging
-
4
Read acceleration data
Desired x, y,
or/and z-data
(one read
before sending
•
SPI fixed bits
•
SPI FRME=0
•
SPI PORST=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com