Electronic Components Datasheet Search
  English  ▼

X  

AT89LP828 Datasheet(PDF) 104 Page - ATMEL Corporation

Part # AT89LP828
Description  8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP828 Datasheet(HTML) 104 Page - ATMEL Corporation

Back Button AT89LP828 Datasheet HTML 100Page - ATMEL Corporation AT89LP828 Datasheet HTML 101Page - ATMEL Corporation AT89LP828 Datasheet HTML 102Page - ATMEL Corporation AT89LP828 Datasheet HTML 103Page - ATMEL Corporation AT89LP828 Datasheet HTML 104Page - ATMEL Corporation AT89LP828 Datasheet HTML 105Page - ATMEL Corporation AT89LP828 Datasheet HTML 106Page - ATMEL Corporation AT89LP828 Datasheet HTML 107Page - ATMEL Corporation AT89LP828 Datasheet HTML 108Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 149 page
background image
104
3654A–MICRO–8/09
AT89LP428/828
Notes:1. CONB (ACSRB.5) must be cleared to 0 before changing RFB [1 - 0].
2. CONA (ACSRA.5) must be cleared to 0 before changing RFA [1 - 0].
Table 18-3.
AREF
– Analog Comparator Reference Control Register
AREF = AFH
Reset Value = 0000 0000B
Not Bit Addressable
CBC1
CBC0
RFB1
RFB0
CAC1
CAC0
RFA1
RFA0
Bit
7
6
543
21
0
Symbol
Function
CSC
[1 - 0]
Comparator B Clock Select
CBC1
CBC0
Clock Source
00
System Clock
0
0
Timer 0 Overflow
0
1
Timer 1 Overflow
0
1
Timer 2 Overflow
RFB
[1 - 0]
Comparator B Negative Input Channel Select(1)
CRF1
RFB0
B-channel
00
AIN2 (P2.6)
0
0
Internal VAREF-Δ (~1.2V)
0
1
Internal V
AREF (~1.3V)
0
1
Internal VAREF+Δ (~1.4V)
CAC
[1 - 0]
Comparator A Clock Select
CAC1
CAC0
Clock Source
00
System Clock
0
0
Timer 0 Overflow
0
1
Timer 1 Overflow
0
1
Timer 2 Overflow
RFB
[1 - 0]
Comparator A Negative Input Channel Select(2)
RFA1
RFA0
A-channel
00
AIN1 (P2.5)
0
0
Internal V
AREF-
Δ (~1.2V)
0
1
Internal V
AREF (~1.3V)
0
1
Internal VAREF+Δ (~1.4V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com